Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1610 Datasheet(PDF) 9 Page - STMicroelectronics

Part # T1610
Description  16 A Snubberless?? logic level and standard Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1610 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button T1610 Datasheet HTML 2Page - STMicroelectronics T1610 Datasheet HTML 3Page - STMicroelectronics T1610 Datasheet HTML 4Page - STMicroelectronics T1610 Datasheet HTML 5Page - STMicroelectronics T1610 Datasheet HTML 6Page - STMicroelectronics T1610 Datasheet HTML 7Page - STMicroelectronics T1610 Datasheet HTML 8Page - STMicroelectronics T1610 Datasheet HTML 9Page - STMicroelectronics T1610 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BTA16, BTB16, T1610, T1635
Ordering information
Doc ID 7471 Rev 9
9/10
4
Ordering information
5
Revision history
Table 10.
Ordering information
Order code(1)
1.
xxx = voltage, y = sensitivity, z = type
Marking(1)
Package
Weight
Base qty
Delivery mode
BTA16-xxxyzRG
BTA16xxxyz
TO-220AB
2.3 g
50
Tube
BTB16-xxxyzRG
BTB16xxxyz
TO-220AB
2.3 g
50
Tube
T1610-xxxG-TR
T1610xxxG
D2PAK
1.5 g
1000
Tape and reel
T1635-xxxG
T1635xxxG
50
Tube
T1635-xxxG-TR
T1635xxxG
1000
Tape and reel
Table 11.
Document revision history
Date
Revision
Changes
Oct-2002
6A
Last update.
13-Feb-2006
7
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
03-Jul-2009
8
Added part number T1610.
11-Mar-2010
9
Updated value for VDSM/VRSM in Table 2. Updated temperature in Table 2
from 15 °C to 86 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com