Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7404D Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7404D
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7404D Datasheet HTML 18Page - STMicroelectronics TDA7404D Datasheet HTML 19Page - STMicroelectronics TDA7404D Datasheet HTML 20Page - STMicroelectronics TDA7404D Datasheet HTML 21Page - STMicroelectronics TDA7404D Datasheet HTML 22Page - STMicroelectronics TDA7404D Datasheet HTML 23Page - STMicroelectronics TDA7404D Datasheet HTML 24Page - STMicroelectronics TDA7404D Datasheet HTML 25Page - STMicroelectronics TDA7404D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
I2C bus interface
TDA7404
22/35
5
I2C bus interface
5.1
Interface protocol
The interface protocol comprises:
a start condition (S)
a chip address byte (the LSB bit determines read / write transmission)
a subaddress byte
a sequence of data (N-bytes + acknowledge)
a stop condition (P)
the max. clock speed is 500 Kbits/s
Figure 17.
Software specification
S
= Start
R/W
= "0" -> Receive-Mode (Chip could be programmed by P)
"1" -> Transmission-Mode (Data could be received by P)
ACK
= Acknowledge
P
= Stop
5.2
Transmitted data (send mode)
SM = Soft mute activated
X = Not Used
The transmitted data is automatic updated after each ACK. Transmission can be repeated
without new chipaddress.
5.3
Reset condition
A Power on reset is invoked if the supply voltage is below than 3.5V. After that the following
data is written automatically into the registers of all subaddresses:
The programming after POR is marked bold-face / underlined in the programming tables.
S
1
0
0
0
1
0
0
R/W
ACK
ACK
ACK
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D99AU1044
I3
I0
SUBADDRESS
DATA 1 to DATA n
I2 I1
A3 A2 A1 A0
MSB
LSB
XX
X
X
X
X
X
SM
MSB
LSB
1
1
1
1
1
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com