Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA741MD Datasheet(PDF) 1 Page - STMicroelectronics

Part # UA741MD
Description  General-purpose single operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741MD Datasheet(HTML) 1 Page - STMicroelectronics

  UA741MD Datasheet HTML 1Page - STMicroelectronics UA741MD Datasheet HTML 2Page - STMicroelectronics UA741MD Datasheet HTML 3Page - STMicroelectronics UA741MD Datasheet HTML 4Page - STMicroelectronics UA741MD Datasheet HTML 5Page - STMicroelectronics UA741MD Datasheet HTML 6Page - STMicroelectronics UA741MD Datasheet HTML 7Page - STMicroelectronics UA741MD Datasheet HTML 8Page - STMicroelectronics UA741MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
May 2009
Doc ID 5304 Rev 2
1/11
11
UA741
General-purpose single operational amplifier
Features
■ Large input voltage range
■ No latch-up
■ High gain
■ Short-circuit protection
■ No frequency compensation required
■ Same pin configuration as the UA709
Applications
■ Summing amplifiers
■ Voltage followers
■ Integrators
■ Active filters
■ Function generators
Description
The UA741 is a high performance monolithic
operational amplifier constructed on a single
silicon chip. It is intended for a wide range of
analog applications.
The high gain and wide range of operating
voltages provide superior performances in
integrator, summing amplifier and general
feedback applications. The internal compensation
network (6 dB/octave) ensures stability in closed-
loop circuits.
N
DIP8
(plastic package)
D
SO-8
(plastic micropackage)
1
2
3
4
8
6
5
7
1 - Offset null 1
2 - Inverting input
3 - Non-inverting input
4 - VCC
-
5 - Offset null 2
6 - Output
7 - VCC
+
8 - N.C.
Pin connections
(top view)
www.st.com


Similar Part No. - UA741MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA741M STMICROELECTRONICS-UA741M Datasheet
490Kb / 11P
GENERAL-PURPOSE SINGLE OP-AMPs
Dec 1988
UA741M STMICROELECTRONICS-UA741M Datasheet
88Kb / 5P
GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
Nov-2001
UA741MC STMICROELECTRONICS-UA741MC Datasheet
490Kb / 11P
GENERAL-PURPOSE SINGLE OP-AMPs
Dec 1988
logo
Texas Instruments
UA741MFKB TI-UA741MFKB Datasheet
423Kb / 19P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MFKB TI-UA741MFKB Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - UA741MD

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
Dec-1998
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
27-Jul-2007
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
Nov-2001
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_05 Datasheet
153Kb / 11P
General-purpose single operational amplifier
25-May-2009
UA741CDT STMICROELECTRONICS-UA741CDT Datasheet
153Kb / 11P
General-purpose single operational amplifier
25-May-2009
UA741MN STMICROELECTRONICS-UA741MN Datasheet
315Kb / 11P
General-purpose single operational amplifier
September 2013
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
Single-Supply, General-Purpose Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com