Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S003F3U6C Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM8S003F3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6C Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM8S003F3U6C Datasheet HTML 78Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 79Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 80Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 81Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 82Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 83Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 84Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 85Page - STMicroelectronics STM8S003F3U6C Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
Table 44: ADC characteristics
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
MHz
4
1
VDD =2.95 to 5.5 V
ADC clock frequency
fADC
6
1
VDD =4.5 to 5.5 V
V
VDD
VSS
Conversion voltage range
(1)
VAIN
pF
3
Internal sample and hold
capacitor
CADC
μs
0.75
fADC = 4 MHz
Minimum sampling time
tS
(1)
0.5
fADC = 6 MHz
μs
7
Wake-up time from standby
tSTAB
μs
3.5
fADC = 4 MHz
Minimum total conversion time
(including sampling time,
10-bit resolution)
tCONV
μs
2.33
fADC = 6 MHz
1/fADC
14
(1) During the sample time the input capacitance C
AIN (3 pF max) can be charged/discharged
by the external source. The internal resistance of the analog source must allow the
capacitance to reach its final voltage level within tS. After the end of the sample time tS,
changes of the analog input voltage have no effect on the conversion result. Values for the
sample clock tS depend on programming.
Table 45: ADC accuracy with RAIN < 10 kΩ , VDD= 5 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
LSB
3.5
1.6
fADC = 2 MHz
Total unadjusted error
(2)
|ET|
4
2.2
fADC = 4 MHz
4.5
2.4
fADC = 6 MHz
2.5
1.1
fADC = 2 MHz
Offset error
(2)
|EO|
DocID018576 Rev 3
82/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com