Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL2-4-50TR-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CPL2-4-50TR-R
Description  Multi-Phase Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CPL2-4-50TR-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CPL2-4-50TR-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CPL2-4-50TR-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CPL2-4-50TR-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 50nH per phase coupled inductor
• 125°C maximum temperature operation
• Frequency range up to 2MHz
• Patents pending
• Low core loss, high efficiency
Applications
• For exclusive use with Volterra
® VPR-Devices
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(Range is application specific)
• Solder reflow temperature: J-STD-020D compliant
Packaging
• Supplied in tape and reel packaging, 750 (CPL2-2), 600 (CPL2-3),
500 (CPL2-4) and 400 (CPL2-5) parts per reel, 13” diameter reel
Description
• Halogen free, lead free and RoHS compliant
• Designed exclusively for use with Volterra
® VPR-Devices A
• High current multi-phase inductor applications
• Ferrite core material
Multi-Phase Power Inductors
CPL2-50 Series
0112 BU-SB12071
Page 1 of 3
Data Sheet: 4357
SMD
Device
1 OCL (Open Circuit Inductance)
2 Test parameters: 1MHz, 0.1Vrms, 0.0Adc.
3 The rated current, Imax peak and rated inductance per phase is determined by Volterra’s testing
and circuit design. Additional information can be provided by contacting Volterra.
4 Part Number Definition: CPL2-x-50TR-R
• CPL2= Product code and size
• -x= number of phases
• -50 = rated inductance value per phase in nH
• TR= Tape and reel
• -R suffix= RoHS compliant
A This device is licensed for use only when incorporated within a voltage regulator employing power
regulating devices manufactured by Volterra
® Semiconductor Corporation. No license is granted
expressly or by implication to use this device with power regulating devices manufactured by any
company other than Volterra.
Function Specifications
Test Specifications
DCR (
Ω)
Rated
I Rated
Imax Peak
Magnetizing
Part
Inductor
±10%
Inductance per per Phase per Phase
Pin
Pin
Inductance @
Number
Phases
@25°C
Phase (nH)
3
(Adc)
3
(Adc)
3
Numbers
OCL (nH)
1,2
Numbers
OCL (nH)
1,2
10Adc (25°C)
CPL2-2-50TR-R
2
0.00028
50 ± 20%
50
80
(1-2)
380±20%
(3-4)
380±20%
300
CPL2-3-50TR-R
3
0.00028
50 ± 20%
50
80
(3-4)
400±20%
(1-2), (5-6)
380±20%
300
CPL2-4-50TR-R
4
0.00028
50 ± 20%
50
80
(3-4), (5-6)
400±20%
(1-2), (7-8)
380±20%
300
CPL2-5-50TR-R
5
0.00028
50 ± 20%
50
80
(3-4), (5-6), (7-8)
400±20%
(1-2), (9-10)
380±20%
300
D
Diim
me
en
ns
siio
on
ns
s -- m
mm
m
Part Marking: Coiltronics logo
CPL2 = Product Code and Size
-x (-2, -3, -4 & -5) = Number of Phases
wwllyy = Date code
R = Revision level
5.0 M ax.
5.0 M ax.
5.0 M ax.
5.0 M ax.
Front
Top
Bottom
CPL2-2
CPL2-3
CPL2-4
CPL2-5
The nominal DCR is measured from point “a” to point “b”
Pb
HALOGEN
HF
FREE


Similar Part No. - CPL2-4-50TR-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CPL2-4-50TR-R EATON-CPL2-4-50TR-R Datasheet
386Kb / 4P
Multi-phase power inductors
More results

Similar Description - CPL2-4-50TR-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CL1108 EATON-CL1108 Datasheet
358Kb / 5P
Multi-phase power inductors
CLB1108 EATON-CLB1108 Datasheet
506Kb / 5P
Multi-phase power inductors
CPL EATON-CPL Datasheet
872Kb / 6P
Multi-phase power inductors
logo
WALSIN TECHNOLOGY CORPO...
WLFM160808 WALSIN-WLFM160808 Datasheet
1Mb / 8P
Multi-Layer Power Inductors
WLFM WALSIN-WLFM Datasheet
1Mb / 10P
Multi-Layer Power Inductors
logo
Eaton All Rights Reserv...
CL0904 EATON-CL0904 Datasheet
614Kb / 4P
Multi-Phase power inductors
CPL2 EATON-CPL2 Datasheet
386Kb / 4P
Multi-phase power inductors
CL0608 EATON-CL0608 Datasheet
428Kb / 4P
Multi-phase power inductors
CL1208 EATON-CL1208 Datasheet
864Kb / 8P
Multi-phase power inductors
CTX17-18913-R EATON-CTX17-18913-R Datasheet
475Kb / 3P
Multi-phase power inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com