Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G19GV Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC1G19GV
Description  1-of-2 decoder/demultiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G19GV Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC1G19GV Datasheet HTML 1Page - NXP Semiconductors 74LVC1G19GV Datasheet HTML 2Page - NXP Semiconductors 74LVC1G19GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G19GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G19GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G19GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G19GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G19GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G19GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
74LVC1G19
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 6 December 2011
5 of 18
NXP Semiconductors
74LVC1G19
1-of-2 decoder/demultiplexer
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1] Max
Unit
Tamb = 40 C to +85 C
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65
 V
CC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
 V
CC
--
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
 V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
 V
CC
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = 100 A; VCC = 1.65 V to 5.5 V
VCC  0.1
-
-
V
IO = 4mA; VCC = 1.65 V
1.2
1.54
-
V
IO = 8mA; VCC = 2.3 V
1.9
2.15
-
V
IO = 12 mA; VCC = 2.7 V
2.2
2.50
-
V
IO = 24 mA; VCC = 3.0 V
2.3
2.62
-
V
IO = 32 mA; VCC = 4.5 V
3.8
4.11
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =100 A; VCC = 1.65 V to 5.5 V
-
-
0.10
V
IO =4mA; VCC = 1.65 V
-
0.07
0.45
V
IO =8mA; VCC = 2.3 V
-
0.12
0.30
V
IO =12mA; VCC = 2.7 V
-
0.17
0.40
V
IO =24mA; VCC = 3.0 V
-
0.33
0.55
V
IO =32mA; VCC = 4.5 V
-
0.39
0.55
V
II
input leakage current
VI = 5.5 V or GND; VCC =0Vto5.5 V
-
0.1
5
A
IOFF
power-off leakage current
VCC = 0 V; VI or VO =5.5 V
-
0.1
10
A
ICC
supply current
VI = 5.5 V or GND;
VCC =1.65Vto5.5V; IO =0A
-0.1
10
A
I
CC
additional supply current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC  0.6 V; IO =0 A
-5
500
A
CI
input capacitance
VCC = 3.3 V; VI = GND to VCC
-2.5
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com