Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9537DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9537DP
Description  4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DP Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9537DP Datasheet HTML 1Page - NXP Semiconductors PCA9537DP Datasheet HTML 2Page - NXP Semiconductors PCA9537DP Datasheet HTML 3Page - NXP Semiconductors PCA9537DP Datasheet HTML 4Page - NXP Semiconductors PCA9537DP Datasheet HTML 5Page - NXP Semiconductors PCA9537DP Datasheet HTML 6Page - NXP Semiconductors PCA9537DP Datasheet HTML 7Page - NXP Semiconductors PCA9537DP Datasheet HTML 8Page - NXP Semiconductors PCA9537DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The PCA9537 is a 10-pin CMOS device that provides 4 bits of General Purpose parallel
Input/Output (GPIO) expansion with interrupt and reset for I2C-bus/SMBus applications
and was developed to enhance the NXP Semiconductors family of I2C-bus I/O expanders.
I/O expanders provide a simple solution when additional I/O is needed for ACPI power
switches, sensors, push-buttons, LEDs, fans, etc.
The PCA9537 consists of a 4-bit Configuration register (input or output selection),
4-bit Input Port register, 4-bit Output Port register and a 4-bit Polarity Inversion register
(active HIGH or active LOW operation). The system master can enable the I/Os as either
inputs or outputs by writing to the I/O configuration bits. The data for each input or output
is kept in the corresponding Input Port or Output Port register. The polarity of the Input
Port register can be inverted with the Polarity Inversion register. All registers can be read
by the system master.
The PCA9537 open-drain interrupt output (INT) is activated when any input state differs
from its corresponding Input Port register state and is used to indicate to the system
master that an input state has changed. The power-on reset sets the registers to their
default values and initializes the device state machine. The RESET pin causes the same
reset/initialization to occur without de-powering the device.
The I2C-bus address is fixed and allows only one device on the same I2C-bus/SMBus.
2.
Features
I 4-bit I2C-bus GPIO with interrupt and reset
I Operating power supply voltage range of 2.3 V to 5.5 V
I 5 V tolerant I/Os
I Polarity Inversion register
I Active LOW interrupt output
I Active LOW reset input
I Low standby current
I Noise filter on SCL/SDA inputs
I No glitch on power-up
I Internal power-on reset
I 4 I/O pins that default to 4 inputs
I 0 Hz to 400 kHz clock frequency
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and
reset
Rev. 05 — 7 May 2009
Product data sheet


Similar Part No. - PCA9537DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9537DP NXP-PCA9537DP Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9537DP NXP-PCA9537DP Datasheet
356Kb / 25P
4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
Rev. 7 - 8 September 2021
PCA9537DP,118 NXP-PCA9537DP,118 Datasheet
356Kb / 25P
4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
Rev. 7 - 8 September 2021
PCA9537DPZ NXP-PCA9537DPZ Datasheet
356Kb / 25P
4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
Rev. 7 - 8 September 2021
More results

Similar Description - PCA9537DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9538 PHILIPS-PCA9538 Datasheet
197Kb / 18P
8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
PCA9539 PHILIPS-PCA9539 Datasheet
168Kb / 21P
16-bit I2C and SMBus, low power I/O port with interrupt and reset
2004 Sep 30
PCA9537 PHILIPS-PCA9537 Datasheet
163Kb / 17P
4-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Nov 29
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9537 NXP-PCA9537 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCAL9539A NXP-PCAL9539A Datasheet
2Mb / 48P
Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 1-3 October 2012
PCAL9538A NXP-PCAL9538A Datasheet
2Mb / 43P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
Rev. 2-10 December 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com