Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8574P Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8574P
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574P Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8574P Datasheet HTML 10Page - NXP Semiconductors PCF8574P Datasheet HTML 11Page - NXP Semiconductors PCF8574P Datasheet HTML 12Page - NXP Semiconductors PCF8574P Datasheet HTML 13Page - NXP Semiconductors PCF8574P Datasheet HTML 14Page - NXP Semiconductors PCF8574P Datasheet HTML 15Page - NXP Semiconductors PCF8574P Datasheet HTML 16Page - NXP Semiconductors PCF8574P Datasheet HTML 17Page - NXP Semiconductors PCF8574P Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
14 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
while (INT == 1);
//Monitor the interrupt pin. If INT = 1 do nothing
//When INT = 0 then read input ports
<S> <slave address read> <ACK> <1010 0010> <NACK> <P> //Read PCF8574 data
If (P0 == 0)
//Temperature sensor activated
{
// write to PCF8574 with data 0010 1011b to turn on LED (P7), on Switch (P3)
and keep P[1:0] as input ports.
<S> <0100 0000> <ACK> <0010 1011> <ACK> <P> // Write to PCF8574
}
10.3 High current-drive load applications
The GPIO has a minimum guaranteed sinking current of 10 mA per bit at 5 V. In
applications requiring additional drive, two port pins may be connected together to sink up
to 20 mA current. Both bits must then always be turned on or off together. Up to five pins
can be connected together to drive 80 mA, which is the device recommended total limit.
Each pin needs its own limiting resistor as shown in Figure 16 to prevent damage to the
device should all ports not be turned on at the same time.
10.4 Migration path
NXP offers newer, more capable drop-in replacements for the PCF8574/74A in newer
space-saving packages.
PCA9670 replaces the interrupt output of the PCA9674 with hardware reset input to retain
the maximum number of addresses and the PCA9672 replaces address A2 of the
PCA9674 with hardware reset input to retain the interrupt but limit the number of
addresses.
Fig 16. High current-drive load application
002aah385
VDD
P0
P1
P2
P3
P4
P5
P6
P7
VDD
SDA
SCL
INT
A0
A1
A2
CORE
PROCESSOR
VDD
LOAD
Table 6.
Migration path
Type number
I2C-bus
frequency
Voltage range
Number of
addresses
per device
Interrupt
Reset
Total package
sink current
PCF8574/74A
100 kHz
2.5 V to 6 V
8
yes
no
80 mA
PCA8574/74A
400 kHz
2.3 V to 5.5 V
8
yes
no
200 mA
PCA9674/74A
1 MHz Fm+
2.3 V to 5.5 V
64
yes
no
200 mA
PCA9670
1 MHz Fm+
2.3 V to 5.5 V
64
no
yes
200 mA
PCA9672
1 MHz Fm+
2.3 V to 5.5 V
16
yes
yes
200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com