Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLD-DS60 Datasheet(PDF) 11 Page - Cree, Inc

Part # CLD-DS60
Description  Cree짰 XLamp짰 MK-R LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS60 Datasheet(HTML) 11 Page - Cree, Inc

Back Button CLD-DS60 Datasheet HTML 7Page - Cree, Inc CLD-DS60 Datasheet HTML 8Page - Cree, Inc CLD-DS60 Datasheet HTML 9Page - Cree, Inc CLD-DS60 Datasheet HTML 10Page - Cree, Inc CLD-DS60 Datasheet HTML 11Page - Cree, Inc CLD-DS60 Datasheet HTML 12Page - Cree, Inc CLD-DS60 Datasheet HTML 13Page - Cree, Inc CLD-DS60 Datasheet HTML 14Page - Cree, Inc CLD-DS60 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
xlamp mK-R leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
11
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ and SC3 Technology™ are trademarks of Cree, Inc.
11
Performance GrouPs - chromaticity (t
J = 85 °c) - continued
ansi White bins
code
cct
bin
code
x
y
0e3
5000 K
3A0
.3371
.3490
.3451
.3554
.3440
.3427
.3366
.3369
3B0
.3376
.3616
.3463
.3687
.3451
.3554
.3371
.3490
3C0
.3463
.3687
.3551
.3760
.3533
.3620
.3451
.3554
3D0
.3451
.3554
.3533
.3620
.3515
.3487
.3440
.3427
ansi White bins
code
cct
bin
code
x
y
0e2
5700 K
2A0
0.3215
0.3350
0.3290
0.3417
0.3290
0.3300
0.3222
0.3243
2B0
0.3207
0.3462
0.3290
0.3538
0.3290
0.3417
0.3215
0.3350
2C0
0.3290
0.3538
0.3376
0.3616
0.3371
0.3490
0.3290
0.3417
2D0
0.3290
0.3417
0.3371
0.3490
0.3366
0.3369
0.3290
0.3300
ansi White bins
code
cct
bin
code
x
y
0e1
6500 K
1A0
0.3048
0.3207
0.3130
0.3290
0.3144
0.3186
0.3068
0.3113
1B0
0.3028
0.3304
0.3115
0.3391
0.3130
0.3290
0.3048
0.3207
1C0
0.3115
0.3391
0.3205
0.3481
0.3213
0.3373
0.3130
0.3290
1D0
0.3130
0.3290
0.3213
0.3373
0.3221
0.3261
0.3144
0.3186
ansi White bins
code
cct
bin
code
x
y
0e5
4000 K
5A0
.3670
.3578
.3702
.3722
.3825
.3798
.3783
.3646
5B0
.3702
.3722
.3736
.3874
.3869
.3958
.3825
.3798
5C0
.3825
.3798
.3869
.3958
.4006
.4044
.3950
.3875
5D0
.3783
.3646
.3825
.3798
.3950
.3875
.3898
.3716
ansi White bins
code
cct
bin
code
x
y
0e6
3500 K
6A0
.3889
.3690
.3941
.3848
.4080
.3916
.4017
.3751
6B0
.3941
.3848
.3996
.4015
.4146
.4089
.4080
.3916
6C0
.4080
.3916
.4146
.4089
.4299
.4165
.4221
.3984
6D0
.4017
.3751
.4080
.3916
.4221
.3984
.4147
.3814
ansi White bins
code
cct
bin
code
x
y
0e4
4500 K
4A0
.3530
.3597
.3615
.3659
.3590
.3521
.3512
.3465
4B0
.3548
.3736
.3641
.3804
.3615
.3659
.3530
.3597
4C0
.3641
.3804
.3736
.3874
.3702
.3722
.3615
.3659
4D0
.3668
.3957
.3771
.4034
.3736
.3874
.3641
.3804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com