Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1410 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1410
Description  0.5A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1410 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1410 Datasheet HTML 2Page - Microchip Technology TC1410 Datasheet HTML 3Page - Microchip Technology TC1410 Datasheet HTML 4Page - Microchip Technology TC1410 Datasheet HTML 5Page - Microchip Technology TC1410 Datasheet HTML 6Page - Microchip Technology TC1410 Datasheet HTML 7Page - Microchip Technology TC1410 Datasheet HTML 8Page - Microchip Technology TC1410 Datasheet HTML 9Page - Microchip Technology TC1410 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC1410/TC1410N
DS21389D-page 6
 2001-2012 Microchip Technology Inc.
Note: Unless otherwise indicated, over operating temperature range with 4.5V
V
DD16V.
FIGURE 2-7:
Rise Time vs. Supply
Voltage.
FIGURE 2-8:
Propagation Delay vs.
Supply Voltage.
FIGURE 2-9:
Rise and Fall Times vs.
Capacitive Load.
FIGURE 2-10:
Fall Time vs. Supply
Voltage.
FIGURE 2-11:
Propagation Delay vs.
Supply Voltage.
FIGURE 2-12:
Propagation Delays vs.
Capacitive Load.
0
20
40
60
80
100
16
14
12
10
8
6
4
TA = -40°C
TA = +25°C
TA = +85°C
VDD (V)
CLOAD = 500 pF
0
20
40
60
80
100
16
14
12
10
8
6
4
TA = -40°C
TA = +25°C
TA = +85°C
VDD (V)
CLOAD = 500 pF
0
500
1000
1500
2000
2500
3000
3500
0
20
40
60
80
100
tFALL
tRISE
TA = +25°C
VDD = 16V
CLOAD (pF)
0
20
40
60
80
100
16
14
12
10
8
6
4
VDD (V)
TA = -40°C
CLOAD = 500 pF
TA = +25°C
TA = +85°C
0
20
40
60
80
100
16
14
12
10
8
6
4
VDD (V)
CLOAD = 500 pF
TA = -40°C
TA = +25°C
TA = +85°C
0
500
1000
1500
2000
2500
3000
3500
25
29
33
37
41
45
tD2
tD1
TA = +25°C
VDD = 16V
CLOAD (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com