Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5891BWM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5891BWM
Description  8-Bit Serial-Input Latched Source Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5891BWM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5891BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
May 2006
3
MIC5891
MIC5891
Micrel, Inc.
Electrical Characteristics
V
BB = 50V, VDD = 5V to 12V; TA = +25°C; unless noted.
Limits
Characteristic
Symbol
V
BB
Test Conditions
Min.
Max.
Units
Output Leakage Current
I
CEX
50V
T
A = +25°C
–50
µA
T
A = +85°C
–100
µA
Output Saturation Voltage
V
CE(SAT)
50V
I
OUT = –100mA, TA = +85°C
1.8
V
I
OUT = –225mA, TA = +85°C
1.9
V
I
OUT = –350mA, TA = +85°C
2.0
V
Output Sustaining Voltage
V
CE(SUS)
50V
I
OUT = –350mA, L = 2mH
35
V
Input Voltage
V
IN(1)
50V
V
DD = 5.0V
3.5
V
DD+0.3
V
V
DD = 12V
10.5
V
DD+0.3
V
V
IN(0)
50V
V
DD = 5V to 12V
V
SS–0.3
0.8
V
Input Current
I
IN(1)
50V
V
DD = VIN = 5.0V
50
µA
V
DD = 12V
240
µA
Input Impedance
Z
IN
50V
V
DD = 5.0V
100
kΩ
V
DD = 12V
50
kΩ
Maximum Clock Frequency
f
c
50V
3.3
MHz
Serial Data Output Resistance
R
OUT
50V
V
DD = 5.0V
20
kΩ
V
DD = 12V
6.0
kΩ
Turn-On Delay
t
PLH
50V
Output Enable to Output, I
OUT = –350mA
2.0
µs
Turnoff Delay
t
PHL
50V
Output Enable to Output, I
OUT = –350mA
10
µs
Supply Current
I
BB
50V
all outputs on, all outputs open
10
mA
all outputs off
200
µA
I
DD
50V
V
DD = 5V, all outputs off, inputs = 0V
100
µA
V
DD = 12V, all outputs off, inputs = 0V
200
µA
V
DD = 5V, one output on, all inputs = 0V
1.0
mA
V
DD = 12V, one output on, all inputs = 0V
3.0
mA
Diode Leakage Current
I
H
Max
T
A = +25°C
50
µA
T
A = +85°C
100
µA
Diode Forward Voltage
V
F
Open I
F = 350mA
2.0
V
Note 4: Positive (negative) current is defined as going into (coming out of) the specified device pin.
Note 5: Operation of these devices with standard TTL may require the use of appropriate pull-up resistors.
Absolute Maximum Ratings (Notes 1, 2, 3)
Output Voltage (V
OUT) .................................................50V
Logic Supply Voltage Range (V
DD) ................ 4.5V to 15V
Load Supply Voltage Range (V
BB) ................. 5.0V to 50V
Input Voltage Range (V
IN) ...................................–0.3V to VDD+0.3V
Continuous Collector Current (I
C) .......................... 500mA
Package Power Dissipation.............................. see graph
Operating Temperature Range (T
A) ....... –55°C to +125°C
Storage Temperature Range (T
S) .......... –65°C to +150°C
Note 1: T
A = 25°C
Note 2: Derate at the rate of 20mW/°C above T
A = 25°C.
Note 3: Micrel CMOS devices have input-static protection but are
susceptible to damage when exposed to extremely high static
electrical charges.
8
53%
47%
41%
7
60%
54%
48%
6
70%
64%
56%
5
83%
75%
67%
4
100%
94%
84%
3
100%
100%
100%
2
100%
100%
100%
1
100%
100%
100%
50°C
60°C
70°C
Number of
Outputs ON at
I
OUT = –200 mA
Max. Allowable Duty Cycles
at T
A of:
Allowable Duty Cycles



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com