Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD1871EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-AD1871EBZ
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1871EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-AD1871EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD1871EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
REV. 0
AD1871
–21–
Table III. Control/Status Word Format
15-12
11
10
9
6
5
4
3210
Address
R/
W
Reserved
Control/Status Data Bits (9–0)
CCLK
CLATCH
CIN
COUT
D15
D14
D12
D11
D10
D09
D08
D07
D06
D05
D04
D03
D02
D01
D00
D13
Figure 20. Writing to Register Using Control Port
D08
D07
D06
D05
D04
D03
D02
D01
D00
D09
CCLK
CLATCH
CIN
COUT
D15
D14
D12
D11
D10
D09
D08
D07
D06
D05
D04
D03
D02
D01
D00
D13
Figure 21. Reading from Register Using Control Port
Table IV. Control Register I (Address 0000b, Write Only)
15–12
11
10
9
8
7
6
5
4
3
2
1
0
0000
0
0
PRE
HPE
PD
AMC
AGL2
AGL1
AGL0
AGR2
AGR1
AGR0
9
PRE
Peak Reading Enable (0 = Disabled (Default); 1 = Enabled)
8
HPE
High-Pass Filter Enable (0 = Disabled (Default); 1 = Enabled)
7PD
Power-Down Control (1 = Power-Down; 0 = Normal Operation (Default))
6
AMC
ADC Modulator Clock (1 = 64
¥ fS; 0 = 128 ¥ fS (Default))
5–3
AGL2–AGL0
Input Gain (Left Channel, see Table V)
2–0
AGR2–AGL0
Input Gain (Right Channel, see Table V)
Control Register I
Control Register I contains bit settings for control of analog
front end gain, modulator clock selection, power-down control,
high-pass filtering, and peak hold.
Analog Gain Control
The AD1871 features an optional analog front end with select-
able gain. Gain is selected using three control bits for each channel,
giving five separate and independent gain settings on each channel.
Bits 2 through 0 (AGR2–AGR0) set the analog gain for the right
channel, while Bits 5 through 3 (AGL2–AGL0) set the analog
gain for the left channel. Table V shows the analog gain corre-
sponding to the bit settings in AGx2–ADx0.
Table V. Analog Gain Settings
AGx2
AGx1
AGx0
Gain (dB)
00
0
0 (Default)
00
1
3
01
0
6
01
1
9
10
0
12
10
1
0
11
0
0
11
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com