Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT651TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FZT651TC
Description  60V NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR IN SOT223
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT651TC Datasheet(HTML) 4 Page - Diodes Incorporated

  FZT651TC Datasheet HTML 1Page - Diodes Incorporated FZT651TC Datasheet HTML 2Page - Diodes Incorporated FZT651TC Datasheet HTML 3Page - Diodes Incorporated FZT651TC Datasheet HTML 4Page - Diodes Incorporated FZT651TC Datasheet HTML 5Page - Diodes Incorporated FZT651TC Datasheet HTML 6Page - Diodes Incorporated FZT651TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT651
Document Number DS33149 Rev. 4 - 2
4 of 7
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FZT651
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
80
−
−
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
60
−
−
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
−
−
V
IE = 100µA
Collector Cut-off Current
ICBO
−
−
0.1
µA
VCB = 60V
−
−
10
VCB = 60V, TA = 125°C
Emitter Cut-off Current
IEBO
−
−
100
nA
VEB = 4V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
−
0.12
0.3
V
IC = 1A, IB = 100mA
−
0.43
0.6
IC = 3A, IB = 300mA
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
−
0.9
1.25
V
IC = 1A, IB = 100mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)
−
0.8
1.0
V
IC = 1A, VCE = 2V
DC Current Gain (Note 10)
hFE
70
200
−
−
IC = 50mA, VCE = 2V
100
200
300
IC = 500mA, VCE = 2V
80
170
−
IC = 1A, VCE = 2V
40
80
−
IC = 2A, VCE = 2V
Current Gain-Bandwidth Product (Note 10)
fT
140
175
−
MHz
VCE = 5V, IC = 100mA,
f = 100MHz
Switching Times
ton
−
45
−
ns
IC = 500mA, VCC = 10V,
IB1 = IB2 = 50mA
toff
−
800
-
Output Capacitance (Note 10)
Cobo
−
−
30
pF
VCB = 10V, f = 1MHz
Notes:
10. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com