Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLW5BSM152SQ2 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DLW5BSM152SQ2
Description  Common Mode Choke Coil Wire Wound Type for Large Current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW5BSM152SQ2 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLW5BSM152SQ2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW5BSM152SQ2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Wire Wound Type for Large Current
2012.7.5
oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design.
Common Mode Choke Coil Wire Wound Type for Large Current
DLW5AH/DLW5BS Series (2014/2020 Size)
c Dimensions
DLW5AH Series
(L) 5.0±0.3
(W) 3.6±0.3
0.5 min.
(2)
(1)
(4)
(3)
1.3
±0.3
1.3
±0.3
0.9
±0.3
Starting position of wiring should
be covered with resin.
*
*
*
(in mm)
: Electrode
c Dimensions
DLW5BS Series
(L) 5.0±0.3
3.6±0.3
(W) 5.0±0.3
0.5 min.
(2)
(1)
(4)
(3) 1.3±0.3
1.3±0.3
0.9±0.3
3.0±0.5
(in mm)
: Electrode
: Marking
(Top)
(Bottom)
c Impedance-Frequency Characteristics (Main Items)
Frequency (MHz)
100000
10000
1000
100
10
1
10
100
1000
DLW5AHN402SQ2
DLW5BSM302SQ2
DLW5BSM152SQ2
DLW5BSM102SQ2
DLW5BSM351SQ2
DLW5BSM191SQ2
Common mode
DLW5AHN402SQ2
DLW5BSM302SQ2
DLW5BSM152SQ2
DLW5BSM102SQ2
DLW5BSM351SQ2
DLW5BSM191SQ2
Differential mode
c Equivalent Circuit
(1)
(4)
(2)
(3)
No polarity.
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
400
K
330mm Embossed Tape
1500
B
Bulk(Bag)
100
c Rated Value (p: packaging code)
Part Number
Common Mode Impedance
(at 100MHz/20°C)
Rated Current Rated Voltage
Insulation Resistance (min.)
Withstand Voltage DC Resistance
Operating
Temperature Range
DLW5AHN402SQ2
p
4000ohm (Typ.)
200mA
50Vdc
10M ohm
125Vdc
3.0ohm max.
-25 to +85°C
DLW5BSM191SQ2
p
190ohm (Typ.)
5000mA
50Vdc
10M ohm
125Vdc
0.02ohm max.
-40 to +85°C
DLW5BSM351SQ2
p
350ohm (Typ.)
2000mA
50Vdc
10M ohm
125Vdc
0.04ohm max.
-40 to +85°C
DLW5BSM102SQ2
p
1000ohm (Typ.)
1500mA
50Vdc
10M ohm
125Vdc
0.06ohm max.
-40 to +85°C
DLW5BSM152SQ2
p
1500ohm (Typ.)
1000mA
50Vdc
10M ohm
125Vdc
0.1ohm max.
-40 to +85°C
DLW5BSM302SQ2
p
3000ohm (Typ.)
500mA
50Vdc
10M ohm
125Vdc
0.3ohm max.
-40 to +85°C
Number of Circuit: 1
Continued on the following page.


Similar Part No. - DLW5BSM152SQ2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW5BSM152SQ2 MURATA1-DLW5BSM152SQ2 Datasheet
342Kb / 4P
DLW5AH/5BS series is a high performance wound type chip common mode choke coil.
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW5BSM152SQ2B MURATA-DLW5BSM152SQ2B Datasheet
73Kb / 2P
Common Mode Choke Coil Wire Wound Type for Large Current(2014/2020 Size)
logo
Murata Manufacturing Co...
DLW5BSM152SQ2B MURATA1-DLW5BSM152SQ2B Datasheet
342Kb / 4P
DLW5AH/5BS series is a high performance wound type chip common mode choke coil.
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW5BSM152SQ2K MURATA-DLW5BSM152SQ2K Datasheet
73Kb / 2P
Common Mode Choke Coil Wire Wound Type for Large Current(2014/2020 Size)
logo
Murata Manufacturing Co...
DLW5BSM152SQ2K MURATA1-DLW5BSM152SQ2K Datasheet
342Kb / 4P
DLW5AH/5BS series is a high performance wound type chip common mode choke coil.
Last updated07/26/2022
More results

Similar Description - DLW5BSM152SQ2

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HCMC0805-670MFS DELTA-HCMC0805-670MFS Datasheet
214Kb / 2P
WIRE- WOUND COMMON MODE CHOKE
logo
Murata Manufacturing Co...
DLW21SN900SQ2L MURATA-DLW21SN900SQ2L Datasheet
100Kb / 2P
Common Mode Choke Coil Wire Wound Type
DLW21HN900SQ2L MURATA-DLW21HN900SQ2L Datasheet
83Kb / 2P
Common Mode Choke Coil Wire Wound Type
DLW21HN670SQ2L MURATA-DLW21HN670SQ2L Datasheet
83Kb / 2P
Common Mode Choke Coil Wire Wound Type DLW21H Series (0805 Size)
DLW21SN501SK2L MURATA-DLW21SN501SK2L Datasheet
100Kb / 2P
Common Mode Choke Coil Wire Wound Type DLW21S Series (0805 Size)
DLW5AHN402SQ2L MURATA-DLW5AHN402SQ2L Datasheet
73Kb / 2P
Common Mode Choke Coil Wire Wound Type for Large Current(2014/2020 Size)
DLW5BTN101SQ2L MURATA-DLW5BTN101SQ2L Datasheet
69Kb / 2P
Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
logo
Abracon Corporation
ACM-21H ABRACON-ACM-21H Datasheet
1Mb / 4P
Wire Wound Common Mode Choke for HDMI
02.19.14
ACM-21U ABRACON-ACM-21U Datasheet
1Mb / 4P
Wire Wound Common Mode Choke for USB3.0
02.20.14
logo
WALSIN TECHNOLOGY CORPO...
WTCF2012 WALSIN-WTCF2012 Datasheet
263Kb / 6P
Wire wound type common mode choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com