Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVZ3G103C01R02 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3G103C01R02
Description  TRIMMER POTENTIOMETER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G103C01R02 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button PVZ3G103C01R02 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R02 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
6/12
UNCONTROLLED
COPY
REFERENCE ONLY
5.12 Resistance to soldering heat
5.12.1
The trimmer potentiometer should be soldered under the soldering condition shown in Table 3. The
resistance value should be measured after keeping the trimmer potentiometer in a room for 24+8/-0 hours.
5.12.2
The trimmer potentiometer should be soldered twice under the soldering condition shown in Table 4. The
resistance value should be measured after keeping the trimmer potentiometer in a room for 24+8/-0 hours.
5.13 Solderability
The trimmer potentiometer should be dipped into flux (Rosin type: chlorine 0.2% max., Solid content 30% max.,
Specific gravity 0.8 to 0.9), and dipped into solder bath at 230±5°C for 3.0±0.5 sec.
6.
Caution
(1) Please contact us before using our products for the applications listed below which require especially high
reliability for the prevention of defects that might directly cause damage to the third party’s life, body or
property.
Aircraft equipment
Aerospace equipment
Undersea equipment
Power plant equipment
Medical equipment
Transportation equipment (vehicles, trains, ships, etc.)
Traffic signal equipment
Disaster prevention / crime prevention equipment
Data-processing equipment
Applications of similar complexity and/or reliability requirements to the applications listed in the above
(2) Be sure to provide an appropriate fail-safe function on your product to prevent a second damage that may
be caused by an abnormality or failure related to our product.
Table 4
Pre-heating temperature
150 to 180°C
Pre-heating time
60 to 120 sec.
Soldering temperature
220°C
Soldering time
30 to 60 sec.
Reflow peak temperature
260°C max.
Table 3
Pre-heating temperature
130 to 160°C
Pre-heating time
60 to 120 sec.
Soldering temperature
200°C
Soldering time
30sec. max.
Reflow peak temperature
240°C max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com