Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEE-0JA101AP Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EEE-0JA101AP
Description  V-S series Surface Mount Type Aluminum Electrolytic Capacitors ECE-V parts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE-0JA101AP Datasheet(HTML) 6 Page - Panasonic Semiconductor

  EEE-0JA101AP Datasheet HTML 1Page - Panasonic Semiconductor EEE-0JA101AP Datasheet HTML 2Page - Panasonic Semiconductor EEE-0JA101AP Datasheet HTML 3Page - Panasonic Semiconductor EEE-0JA101AP Datasheet HTML 4Page - Panasonic Semiconductor EEE-0JA101AP Datasheet HTML 5Page - Panasonic Semiconductor EEE-0JA101AP Datasheet HTML 6Page - Panasonic Semiconductor EEE-0JA101AP Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Reflow condition
Reflow
Pre-fix
Suffix
Case Diameter
RoHS
Terminal
Finish
Peak
temp
Deg C
Time of actual peak
or near temp.
Time in
(*1) degC
or more
Time above
200degC
Reflow
Freq
1
EEE-
R
3mm to 5mm
Yes
Sn-Bi
250degC
250degC
5 seconds
200degC
60 seconds
Once
1
EEE-
P
6.3mm
Yes
Sn-Bi
250degC
250degC
5 seconds
200degC
60 seconds
Once
2
EEE-
P
8mm to 10mm
Yes
Sn-Bi
235degC
235degC
5 seconds
200degC
60 seconds
Once
5
EEE-
AR
4mm to 5mm
Yes
Sn-Bi
260 degC
250degC
5 seconds
200degC
70 seconds
Twice
5
EEE-
AP
6.3mm
Yes
Sn-Bi
260 degC
250degC
5 seconds
200degC
70 seconds
Twice
7
EEE-
AP
8mm to 10mm
Yes
Sn-Bi
260 degC
250degC
5 seconds
200degC
70 seconds
Once
12
ECE-V
R
3mm to 5mm
No
Sn-Pb
240degC
200degC
20 seconds
Once
12
ECE-V
P
6.3mm
No
Sn-Pb
240degC
200degC
20 seconds
Once
12
EEV-
R
4mm to 5mm
No
Sn-Pb
240degC
200degC
20 seconds
Once
12
EEV-
P
6.3mm
No
Sn-Pb
240degC
200degC
20 seconds
Once
13
ECE-V
P
8mm to 10mm
No
Sn-Pb
230degC
200degC
20 seconds
Once
13
EEV-
P
8mm to 10mm
No
Sn-Pb
230degC
200degC
20 seconds
Once



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com