Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST16210 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST16210
Description  20-Bit Bus Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16210 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST16210 Datasheet HTML 1Page - Fairchild Semiconductor FST16210 Datasheet HTML 2Page - Fairchild Semiconductor FST16210 Datasheet HTML 3Page - Fairchild Semiconductor FST16210 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500193
www.fairchildsemi.com
November 1998
Revised December 1999
FST16210
20-Bit Bus Switch
General Description
The Fairchild Switch FST16210 provides 20-Bits of high-
speed CMOS TTL-compatible bus switching. The low on
resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise.
The device is organized as a 10-bit or 20-Bit bus switch.
When OE1 is LOW, the switch is ON and Port 1A is con-
nected to Port 1B. When OE2 is LOW, Port 2A is connected
to Port 2B.
Features
s 4
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Logic Diagram
Truth Table
Order Number
Package Number
Package Description
FST16210MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Name
Description
OE1, OE2
Bus Switch Enables
1A, 2A
Bus A
1B, 2B
Bus B
Inputs
Inputs/Outputs
OE1
OE2
1A, 1B
2A, 2B
LL
1A
= 1B
2A
= 2B
LH
1A
= 1B
Z
HL
Z
2A
= 2B
HH
Z
Z


Similar Part No. - FST16210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16210MTD FAIRCHILD-FST16210MTD Datasheet
118Kb / 4P
20-Bit Bus Switch
FST16210 FAIRCHILD-FST16210_05 Datasheet
118Kb / 4P
20-Bit Bus Switch
More results

Similar Description - FST16210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
20-BIT FET BUS SWITCH
SN74CBT16861 TI-SN74CBT16861 Datasheet
66Kb / 5P
20-BIT FET BUS SWITCH
logo
Fairchild Semiconductor
FST16861 FAIRCHILD-FST16861 Datasheet
156Kb / 4P
20-Bit Bus Switch
FST16862 FAIRCHILD-FST16862 Datasheet
238Kb / 6P
20-Bit Bus Switch
logo
Integrated Device Techn...
IDT74FST163384 IDT-IDT74FST163384 Datasheet
85Kb / 6P
20-BIT BUS SWITCH
logo
Renesas Technology Corp
HD74CBT16210 RENESAS-HD74CBT16210 Datasheet
119Kb / 12P
20-bit FET Bus Switch
logo
Fairchild Semiconductor
FST16210 FAIRCHILD-FST16210_05 Datasheet
118Kb / 4P
20-Bit Bus Switch
logo
Texas Instruments
SN74CBT16861 TI-SN74CBT16861_07 Datasheet
280Kb / 14P
20-BIT FET BUS SWITCH
SN74CBT16210DGGR TI-SN74CBT16210DGGR Datasheet
382Kb / 13P
20-BIT FET BUS SWITCH
logo
ON Semiconductor
FST16861 ONSEMI-FST16861 Datasheet
253Kb / 6P
20-Bit Bus Switch
Revised June 2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com