Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2STP535FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2STP535FP
Description  NPN power Darlington transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STP535FP Datasheet(HTML) 3 Page - STMicroelectronics

  2STP535FP Datasheet HTML 1Page - STMicroelectronics 2STP535FP Datasheet HTML 2Page - STMicroelectronics 2STP535FP Datasheet HTML 3Page - STMicroelectronics 2STP535FP Datasheet HTML 4Page - STMicroelectronics 2STP535FP Datasheet HTML 5Page - STMicroelectronics 2STP535FP Datasheet HTML 6Page - STMicroelectronics 2STP535FP Datasheet HTML 7Page - STMicroelectronics 2STP535FP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2STP535FP
Electrical characteristics
Doc ID 16132 Rev 1
3/8
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEO
Collector cut-off
current (IB = 0)
VCE = 180 V
50
µA
ICBO
Collector-base cut-off
current (IE = 0)
VCB = 180 V
50
µA
IEBO
Emitter-base cut-off
current (IC = 0)
VEB = 5 V
100
µA
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤300 µs, duty cycle ≤2 %.
Collector-emitter
sustaining voltage
(IB = 0)
IC = 30 mA
180
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 3 A
IB = 6 mA
IC = 8 A
IB = 80 mA
2
2.5
V
V
VBE(on)
(1)
Base-emitter (on)
voltage
IC = 8 A
VCE = 4 V
2.8
V
hFE
(1)
DC current gain
IC = 3 A
VCE = 4 V
IC = 8 A
VCE = 4 V
1000
200
20000
VF
(1)
Diode forward voltage
IF = 10 A
2.8
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com