Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFTVS10-1F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LFTVS10-1F3
Description  Transil, transient voltage suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LFTVS10-1F3 Datasheet(HTML) 2 Page - STMicroelectronics

  LFTVS10-1F3 Datasheet HTML 1Page - STMicroelectronics LFTVS10-1F3 Datasheet HTML 2Page - STMicroelectronics LFTVS10-1F3 Datasheet HTML 3Page - STMicroelectronics LFTVS10-1F3 Datasheet HTML 4Page - STMicroelectronics LFTVS10-1F3 Datasheet HTML 5Page - STMicroelectronics LFTVS10-1F3 Datasheet HTML 6Page - STMicroelectronics LFTVS10-1F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
LFTVS10-1F3
2/7
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Test condition
Value
Unit
PPP
Peak pulse power dissipation
(10/1000 µs pulse)
Tj initial = Tamb
44
W
Peak pulse power dissipation
(8/20 µs pulse)
350
IFSM
Non repetitive surge peak forward
current
tp = 10 ms
Tj initial = Tamb
11
A
Tstg
Storage temperature range
-55 to +150
°C
Tj
Maximum operating junction temperature
125
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 15 mA
10
V
IRM
VRM = 8 V
0.5
µA
VCL
IPP = 1 A
(1)
1.
8 / 20 µs pulse waveform
13
V
VF
IF = 850 mA
(2)
2.
DC current not recommended for more than 5 s. Even if diode failure mode is short circuit the bumps could
exceed melting temperature and the component disassembled from the board.
1.05
V
αT
810-4/ °C
Cline
VR = 0 V, VOSC = 30 mV, F = 1 MHz
200
pF
I
V
IF
IRM
IPP
VRM
VF
VBR
Slope = 1/Rd
VCL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com