Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0102DN-5AA4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # P0102DN-5AA4
Description  Sensitive standard SCRs up to 0.8 A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102DN-5AA4 Datasheet(HTML) 5 Page - STMicroelectronics

  P0102DN-5AA4 Datasheet HTML 1Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 2Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 3Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 4Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 5Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 6Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 7Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 8Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
P010xx
Characteristics
5/11
Figure 5.
Average and DC on-state current
vs. case temperature P010xxL
Figure 6.
Relative variation of thermal
impedance junction to ambient
vs. pulse duration
0
25
50
75
100
125
0.00
0.05
0.10
0.15
0.20
0.25
0.30
I
(A)
T(AV)
T
(°C)
case
α = 180°
D.C.
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K=[Z
/R
th(j-a)
th(j-a)]
t (s)
p
SOT-223
TO-92
SOT23-3L
Figure 7.
Relative variation of gate trigger,
holding, and latching currents
vs. junction temperature
Figure 8.
Relative variation of holding
current vs. gate-cathode resistance
-40
-20
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & I
R
= 1k
L
GK
Ω
Typical values
1E-2
1E-1
1E+0
1E+1
0
2
4
6
8
10
12
14
16
18
20
R(k )
GK
Ω
I [R
] / I [
=1k ]
HGK
H
Ω
RGK
Tj = 25°C
Typical values
Figure 9.
Relative variation of dV/dt immunity
vs. gate-cathode resistance
Figure 10.
Relative variation of dV/dt immunity
vs. gate-cathode capacitance
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
R(k )
GK
Ω
dV/dt[R
] / dV/dt[
=1k ]
GK
Ω
RGK
Tj = 125°C
V = 0.67 x V
D
DRM
Typical values
0123
4567
0
2
4
6
8
10
C
(nF)
GK
dV/dt[C
] / dV/dt[
=1k ]
GK
Ω
RGK
T
V = 0.67 x V
= 125°C
R
= 1k
D
DRM
GK
j
Ω
Typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com