Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA2ABB100SN4 Datasheet(PDF) 26 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 26 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB100SN4 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
37
s Impedance-Frequency Characteristics
BLM21PG220SN1
BLM21PG300SN1
BLM21PG600SN1
BLM21PG221SN1
BLM21PG121SN1
BLM21PG331SN1
BLM Series
Power Lines Type Chip Ferrite Bead
BLM21P Series (0805 Size)
BLM21P
1
10
100
1000
3000
Frequency (MHz)
30
20
10
0
Z
R
X
40
1
10
100
1000
3000
Frequency (MHz)
45
30
15
0
Z
R
X
60
1
10
100
1000
3000
Frequency (MHz)
90
60
30
0
Z
R
X
120
1
10
100
1000
3000
Frequency (MHz)
300
200
100
0
Z
R
X
400
1
10
100
1000
3000
Frequency (MHz)
0
40
80
160
120
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
600
450
300
150
0
R
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com