Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA2ABB121SN4 Datasheet(PDF) 54 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 54 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
65
s Impedance-Frequency Characteristics
Continued on the following page.
BLM18BB100SN1
BLM18BB220SN1
BLM18BB470SN1
BLM18BB600SN1
BLM18BD331SN1
BLM18BD471SN1
BLM18BD152SN1
BLM18BD252SN1
BLM18BD221SN1
BLM18BD421SN1
BLM18BD601SN1
BLM18BD182SN1
BLM18BD102SN1
BLM18BD222SN1
BLM18BB050SN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM18B Series (0603 Size)
BLM18B
1
10
100
1000
3000
Frequency (MHz)
0
20
40
60
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
30
60
90
120
1
10
100
1000
3000
Frequency (MHz)
200
250
150
100
50
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
R
X
Z
0
100
200
300
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
0
250
500
750
1000
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
2500
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
1000
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
1200
900
600
300
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
600
1200
1800
2400
Z
R
X
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
1
10
100
1000
3000
Frequency (MHz)
2500
2000
1500
1000
500
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
5
10
15
20
25
Z
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com