Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA2ABD121SN4 Datasheet(PDF) 66 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD121SN4 Datasheet(HTML) 66 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD121SN4 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
77
0402 size for GHz band noise.
BLM15HSeries (0402 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
BLM15HG Series (For General Signal Lines)
BLM15HB Series (For High Speed Signal Lines)
BLM15HD Series (For High Speed Signal Lines)
Refer to pages from p.91 to p.94 for mounting information.
BLM15H
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
10000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM15HG601SN1p
600ohm
±25%
1000ohm
±40%
300mA
0.7ohm max.
-55
°C to +125°C
BLM15HG102SN1p
1000ohm
±25%
1400ohm
±40%
250mA
1.1ohm max.
-55
°C to +125°C
BLM15HB121SN1p
120ohm
±25%
500ohm
±40%
300mA
0.7ohm max.
-55
°C to +125°C
BLM15HB221SN1p
220ohm
±25%
900ohm
±40%
250mA
1.0ohm max.
-55
°C to +125°C
BLM15HD601SN1p
600ohm
±25%
1400ohm
±40%
300mA
0.85ohm max.
-55
°C to +125°C
BLM15HD102SN1p
1000ohm
±25%
2000ohm
±40%
250mA
1.25ohm max.
-55
°C to +125°C
BLM15HD182SN1p
1800ohm
±25%
2700ohm
±40%
200mA
2.2ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.5
±0.05
1.0
±0.05
0.25
±0.1
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
300
600
900
1200
1500
1800
BLM15HG601SN1
BLM15HG102SN1
Frequency (MHz)
1
10
100
1000
3000
0
200
400
600
800
1000
1200
BLM15HB221SN1
BLM15HB121SN1
Frequency (MHz)
1
10
100
1000
3000
0
4000
3000
2000
1000
BLM15HD601SN1
BLM15HD102SN1
BLM15HD182SN1
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com