Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST32253 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FST32253
Description  Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25??Series Resistor in Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST32253 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FST32253 Datasheet HTML 1Page - Fairchild Semiconductor FST32253 Datasheet HTML 2Page - Fairchild Semiconductor FST32253 Datasheet HTML 3Page - Fairchild Semiconductor FST32253 Datasheet HTML 4Page - Fairchild Semiconductor FST32253 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
Capacitance (Note 7)
Note 7: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
Ω source terminated in 50 Ω
Note: CL includes load and stray capacitance
Note: Input PRR
= 1.0 MHz, t
W = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA = −40 °C to +85 °C
CL = 50pF, RU = RD = 500Ω
Units
Conditions
Figure
Number
VCC = 4.5 – 5.5V
VCC = 4.0V
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay Bus to Bus
(Note 6)
1.25
1.25
ns
VI = OPEN
Figures
1, 2
Propagation Delay, Select to Bus A
0.5
6.7
7.3
tPZH, tPZL
Output Enable Time, Select to Bus B
0.5
6.8
7.3
ns
VI = 7V for tPZL
Figures
1, 2
Output Enable Time, IOE to Bus A, B
0.5
6.0
6.4
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time., Select to Bus B
0.5
5.7
6.4
ns
VI = 7V for tPLZ
Figures
1, 2
Output Disable Time, IOE to Bus A, B
0.5
5.7
6.5
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC = 5.0V
CI/O
A Port
Input/Output Capacitance
13
pF
VCC, OE = 5.0V
B Port
5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com