Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8545BGLF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 8545BGLF
Description  LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8545BGLF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 8545BGLF Datasheet HTML 4Page - Integrated Device Technology 8545BGLF Datasheet HTML 5Page - Integrated Device Technology 8545BGLF Datasheet HTML 6Page - Integrated Device Technology 8545BGLF Datasheet HTML 7Page - Integrated Device Technology 8545BGLF Datasheet HTML 8Page - Integrated Device Technology 8545BGLF Datasheet HTML 9Page - Integrated Device Technology 8545BGLF Datasheet HTML 10Page - Integrated Device Technology 8545BGLF Datasheet HTML 11Page - Integrated Device Technology 8545BGLF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ICS8545
LOW SKEW, 1-TO-4, LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
IDT™ / ICS™ LVDS FANOUT BUFFER
8
ICS8545BG REV. D OCTOBER 28, 2008
Parameter Measurement Information, continued
Output Rise/Fall Time
Offset Voltage Setup
High Impedance Leakage Current Setup
Power Off Leakage Setup
Differential Output Voltage Setup
Differential Output Short Circuit Setup
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
out
out
LVDS
DC Input
➤
VOS/∆ VOS
V
DD
out
out
LVDS
DC Inpu
t
➤
➤
3.3V±5% POWER SUPPLY
Float GND
+
_
I
OZ
I
OZ
LVDS
➤
I
OFF
V
DD
➤
100
out
out
LVDS
DC Input
VOD/∆ VOD
V
DD
out
out
LVDS
DC Input
➤
I
OSD
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com