Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD637JRZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD637JRZ
Description  High Precision, Wideband RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JRZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD637JRZ Datasheet HTML 2Page - Analog Devices AD637JRZ Datasheet HTML 3Page - Analog Devices AD637JRZ Datasheet HTML 4Page - Analog Devices AD637JRZ Datasheet HTML 5Page - Analog Devices AD637JRZ Datasheet HTML 6Page - Analog Devices AD637JRZ Datasheet HTML 7Page - Analog Devices AD637JRZ Datasheet HTML 8Page - Analog Devices AD637JRZ Datasheet HTML 9Page - Analog Devices AD637JRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD637
Rev. K | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
BUFF IN 1
NC 2
COMMON 3
OUTPUT OFFSET 4
BUFF OUT
14
VIN
13
NC
12
+VS
11
CS 5
–VS
10
DEN INPUT 6
RMS OUT
9
dB OUTPUT 7
CAV
8
NC = NO CONNECT
AD637
TOP VIEW
(Not to Scale)
Figure 2. 14-Lead SBDIP/CERDIP Pin Configuration
BUFF IN 1
NC 2
COMMON 3
OUTPUT OFFSET 4
BUFF OUT
16
VIN
15
NC
14
+VS
13
CS 5
–VS
12
DEN INPUT 6
RMS OUT
11
dB OUTPUT 7
CAV
10
NC 8
NC
9
NC = NO CONNECT
AD637
TOP VIEW
(Not to Scale)
Figure 3. 16-Lead SOIC_W Pin Configuration
Table 3. 14-Lead SBDIP/CERDIP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BUFF IN
Buffer Input
2, 12
NC
No Connection
3
COMMON
Analog Common
4
OUTPUT OFFSET
Output Offset
5
CS
Chip Select
6
DEN INPUT
Denominator Input
7
dB OUTPUT
dB Output
8
CAV
Averaging Capacitor Connection
9
RMS OUT
RMS Output
10
−VS
Negative Supply Rail
11
+VS
Positive Supply Rail
13
VIN
Signal Input
14
BUFF OUT
Buffer Output
Table 4. 16-Lead SOIC_W Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BUFF IN
Buffer Input
2, 8, 9, 14
NC
No Connection
3
COMMON
Analog Common
4
OUTPUT OFFSET
Output Offset
5
CS
Chip Select
6
DEN INPUT
Denominator Input
7
dB OUTPUT
dB Output
10
CAV
Averaging Capacitor Connection
11
RMS OUT
RMS Output
12
−VS
Negative Supply Rail
13
+VS
Positive Supply Rail
15
VIN
Signal Input
16
BUFF OUT
Buffer Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com