Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD633JRZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD633JRZ-R7
Description  Low Cost Analog Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633JRZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD633JRZ-R7 Datasheet HTML 2Page - Analog Devices AD633JRZ-R7 Datasheet HTML 3Page - Analog Devices AD633JRZ-R7 Datasheet HTML 4Page - Analog Devices AD633JRZ-R7 Datasheet HTML 5Page - Analog Devices AD633JRZ-R7 Datasheet HTML 6Page - Analog Devices AD633JRZ-R7 Datasheet HTML 7Page - Analog Devices AD633JRZ-R7 Datasheet HTML 8Page - Analog Devices AD633JRZ-R7 Datasheet HTML 9Page - Analog Devices AD633JRZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD633
Data Sheet
Rev. I | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
0
–10
–20
–30
10k
100k
1M
10M
NORMAL
CONNECTION
0dB = 0.1V rms, RL = 2kΩ
CL = 1000pF
CL = 0dB
Figure 4. Frequency Response
TEMPERATURE (°C)
700
500
600
400
300
200
–60
–40
–20
0
140
120
100
80
60
40
20
Figure 5. Input Bias Current vs. Temperature (X, Y, or Z Inputs)
PEAK POSITIVE OR NEGATIVE SUPPLY (V)
14
10
12
8
6
4
8
10
12
14
20
18
16
OUTPUT, RL ≥ 2kΩ
ALL INPUTS
Figure 6. Input and Output Signal Ranges vs. Supply Voltages
FREQUENCY (Hz)
100
60
50
90
80
70
40
30
20
100
1k
1M
100k
10k
TYPICAL
FOR X, Y
INPUTS
Figure 7. CMRR vs. Frequency
FREQUENCY (Hz)
1.5
1.0
0.5
0
10
100
1k
100k
10k
Figure 8. Noise Spectral Density vs. Frequency
FREQUENCY (Hz)
1k
10
100
1
0.1
10
100
1k
10M
10k
100k
1M
Y-FEEDTHROUGH
X-FEEDTHROUGH
Figure 9. AC Feedthrough vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com