Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7685ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7685ARMZ
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7685ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7685ARMZ Datasheet HTML 11Page - Analog Devices AD7685ARMZ Datasheet HTML 12Page - Analog Devices AD7685ARMZ Datasheet HTML 13Page - Analog Devices AD7685ARMZ Datasheet HTML 14Page - Analog Devices AD7685ARMZ Datasheet HTML 15Page - Analog Devices AD7685ARMZ Datasheet HTML 16Page - Analog Devices AD7685ARMZ Datasheet HTML 17Page - Analog Devices AD7685ARMZ Datasheet HTML 18Page - Analog Devices AD7685ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7685
Rev. C | Page 15 of 28
ANALOG INPUTS
Figure 28 shows an equivalent circuit of the input structure of
the AD7685.
The two diodes, D1 and D2, provide ESD protection for the
analog inputs IN+ and IN−. Care must be taken to ensure that
the analog input signal never exceeds the supply rails by more
than 0.3 V because this will cause these diodes to begin to
forward-bias and start conducting current. These diodes can
handle a forward-biased current of 130 mA maximum. For
instance, these conditions could eventually occur when the
input buffer’s (U1) supplies are different from VDD. In such a
case, an input buffer with a short-circuit current limitation can
be used to protect the part.
CIN
RIN
D1
D2
CPIN
IN+
OR IN–
GND
VDD
Figure 28. Equivalent Analog Input Circuit
This analog input structure allows the sampling of the
differential signal between IN+ and IN−. By using this
differential input, small signals common to both inputs are
rejected, as shown in Figure 29, which represents the typical
CMRR over frequency. For instance, by using IN− to sense a
remote signal ground, ground potential differences between
the sensor and the local ADC ground are eliminated.
FREQUENCY (kHz)
10000
1
10
100
1000
80
70
60
50
40
VDD = 5V
VDD = 2.5V
Figure 29. Analog Input CMRR vs. Frequency
During the acquisition phase, the impedance of the analog
inputs (IN+ or IN−) can be modeled as a parallel combination
of capacitor CPIN and the network formed by the series connection
of RIN and CIN. CPIN is primarily the pin capacitance. RIN is
typically 3 kΩ and is a lumped component made up of some
serial resistors and the on resistance of the switches. CIN is
typically 30 pF and is mainly the ADC sampling capacitor.
During the conversion phase, where the switches are opened,
the input impedance is limited to CPIN. RIN and CIN make a
1-pole, low-pass filter that reduces undesirable aliasing effects
and limits the noise.
When the source impedance of the driving circuit is low, the
AD7685 can be driven directly. Large source impedances
significantly affect the ac performance, especially THD. The dc
performances are less sensitive to the input impedance. The
maximum source impedance depends on the amount of THD
that can be tolerated. The THD degrades as a function of the
source impedance and the maximum input frequency, as shown
in Figure 30.
FREQUENCY (kHz)
100
0
255075
–60
–70
–80
–90
–100
–110
–120
RS = 33Ω
RS = 50Ω
RS = 100Ω
RS = 250Ω
Figure 30. THD vs. Analog Input Frequency and Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com