Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7628KP Datasheet(PDF) 7 Page - Analog Devices

Part # AD7628KP
Description  CMOS Dual 8-Bit Buffered Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7628KP Datasheet(HTML) 7 Page - Analog Devices

  AD7628KP Datasheet HTML 1Page - Analog Devices AD7628KP Datasheet HTML 2Page - Analog Devices AD7628KP Datasheet HTML 3Page - Analog Devices AD7628KP Datasheet HTML 4Page - Analog Devices AD7628KP Datasheet HTML 5Page - Analog Devices AD7628KP Datasheet HTML 6Page - Analog Devices AD7628KP Datasheet HTML 7Page - Analog Devices AD7628KP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD7628
–7–
REV. A
MICROPROCESSOR INTERFACE
Figure 11. AD7628 Dual DAC to 6800 CPU Interface
PROGRAMMABLE WINDOW COMPARATOR
Figure 13. Digitally Programmable Window Comparator
(Upper and Lower Limit Detector)
PROGRAMMABLE STATE VARIABLE FILTER
Figure 12. AD7628 Dual DAC to 8085 CPU Interface
In the circuit of Figure 13, the AD7628 is used to implement a
programmable window comparator. DACs A and B are loaded
with the required upper and lower voltage limits for the test,
respectively. If the test input is not within the programmed lim-
its, the pass/fail output will indicate a fail (logic zero).
In this state, variable or universal filter configuration (Figure
14) for DACs A1 and B1 control the gain and Q of the filter
characteristic, while DACs A2 and B2 control the cutoff fre-
quency, fC. DACs A2 and B2 must track accurately for the simple
expression for fC to hold. This is readily accomplished by the
AD7628. Op amps are 2
× AD644. C3 compensates for the
effects of op amp gain-bandwidth limitations.
The filter provides low pass, high pass and band pass outputs
and is ideally suited for applications where microprocessor con-
trol of filter parameters is required, e.g., equalizer, tone con-
trols, etc.
Programmable range for component values shown is fC = 0 kHz
to 15 kHz and Q = 0.3 to 4.5.
Figure 14. Digitally Controlled State Variable Filter
CIRCUIT EQUATIONS
C1 = C2, R1 = R2, R4 = R5
fC =
1
2
π R
1 C1
Q =
R
3
R
4
.
R
F
R
FBB1
AO = –
R
F
R
S
NOTE
DAC equivalent resistance equals
256
× DAC Ladder resistance
()
DAC Digital Code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com