Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8641AKSZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8641AKSZ-R2
Description  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8641AKSZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8641AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8641AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8641AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8641AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8641AKSZ-R2 Datasheet HTML 11Page - Analog Devices AD8641AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8641AKSZ-R2 Datasheet HTML 13Page - Analog Devices AD8641AKSZ-R2 Datasheet HTML 14Page - Analog Devices AD8641AKSZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8641/AD8642/AD8643
Rev. E | Page 11 of 16
0
10
20
30
40
50
60
70
CAPACITANCE (pF)
1
100
10
1000
OS+
OS–
VS = ±2.5V
RL = 10kΩ
VIN = 100mV p-p
AV = +1
Figure 37. Small Signal Overshoot vs. Load Capacitance
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
CH1 1.00V
M1.00s
A CH1
–20.0V
1
VS = ±13V
G = +1M
CH1 p-p = 4.26V
Figure 38. 0.1 Hz to 10 Hz Noise
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
CH1 1.00V
M1.00s
A CH1
–20.0V
1
VS = ±2.5V
G = +1M
CH1 p-p = 4.06V
Figure 39. 0.1 Hz to 10 Hz Noise
1
10
100
1k
FREQUENCY (Hz)
10
1k
100
10k
VSY = ±13V
Figure 40. Voltage Noise Density
1
10
100
1k
FREQUENCY (Hz)
10
1k
100
10k
VSY = 5V
Figure 41. Voltage Noise Density
0.000001
0.00001
0.0001
0.001
1k
100
12
FREQUENCY (Hz)
0.004
0k
1V p-p INPUT
2V p-p INPUT
4V p-p INPUT
8V p-p INPUT
VSY = ±13V
LOAD = 100k
Ω
GAIN = +1
10k
Figure 42. Total Harmonic Distortion + Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com