Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR293GRZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADR293GRZ
Description  Low Noise, Micropower 5.0 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GRZ Datasheet(HTML) 3 Page - Analog Devices

  ADR293GRZ Datasheet HTML 1Page - Analog Devices ADR293GRZ Datasheet HTML 2Page - Analog Devices ADR293GRZ Datasheet HTML 3Page - Analog Devices ADR293GRZ Datasheet HTML 4Page - Analog Devices ADR293GRZ Datasheet HTML 5Page - Analog Devices ADR293GRZ Datasheet HTML 6Page - Analog Devices ADR293GRZ Datasheet HTML 7Page - Analog Devices ADR293GRZ Datasheet HTML 8Page - Analog Devices ADR293GRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADR293
Rev. D | Page 3 of 12
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VS = 6.0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
IOUT = 0 mA
E Grade
4.997
5.000
5.003
V
F Grade
4.994
5.000
5.006
V
G Grade
4.990
5.000
5.010
V
INITIAL ACCURACY
IOUT = 0 mA
E Grade
–3
+3
mV
0.06
%
F Grade
–6
+6
mV
0.12
%
G Grade
–10
+10
mV
0.20
%
LINE REGULATION
ΔVOUT /ΔVIN
6.0 V to 15 V, IOUT = 0 mA
E, F Grades
30
100
ppm/V
G Grade
40
150
ppm/V
LOAD REGULATION
ΔVOUT /ΔILOAD
VS = 6.0 V, IOUT = 0 mA to 5 mA
E, F Grades
30
100
ppm/mA
G Grade
40
150
ppm/mA
LONG-TERM STABILITY
ΔVOUT
After 1000 hours of operation @ 125°C
50
ppm
VOLTAGE NOISE
eN p-p
f = 0.1 Hz to 10 Hz
15
μV p-p
VOLTAGE NOISE DENSITY
eN
f = 1 kHz
640
nV/√Hz
VS = 6.0 V, TA = −25°C to +85°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT
TCVOUT
IOUT = 0 mA
E Grade
3
8
ppm/°C
F Grade
5
15
ppm/°C
G Grade
10
25
ppm/°C
LINE REGULATION
ΔVOUT/ΔVIN
6.0 V to 15 V, IOUT = 0 mA
E, F Grades
35
150
ppm/V
G Grade
50
200
ppm/V
LOAD REGULATION
ΔVOUT/ΔILOAD
VS = 6.0 V, IOUT = 0 mA to 5 mA
E, F Grades
20
150
ppm/mA
G Grade
30
200
ppm/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com