Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1196ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1196ACBZ-R7
Description  5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1196ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1196ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
5 V, 3 A Logic Controlled
High-Side or Low-Side Load Switch
Data Sheet
ADP1196
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low RDSON of 10 mΩ in 6-ball WLCSP
Wide input voltage range: 0 V to 5.5 V
3 A continuous operating current at 70°C
Bias supply voltage range: 1.83 V to 5.5 V
Low 26 µA ground (quiescent) current, VIN ≤ 3.4 V
Low 50 µA quiescent current, VIN = 5.5 V
Overtemperature protection circuitry
Low shutdown current: <3.5 µA
Ultrasmall 1.0 mm × 1.5 mm, 6-ball, 0.5 mm pitch WLCSP
APPLICATIONS
Communications and infrastructure
Thermoelectric cooler (TEC) controller reverse polarity
for heating and cooling
Fine line geometry core voltage inrush current control
Medical and healthcare
Instrumentation
TYPICAL APPLICATIONS CIRCUITS
Figure 1. Low-Side Load Application
Figure 2. High-Side Load Application
GENERAL DESCRIPTION
The ADP1196 is a high-side or low-side load switch designed for
VIN operation between 0 V and 5.5 V with a VB_EN supply of
1.83 V to 5.5 V. The device contains an internal charge pump that
operates from either VIN or VB_EN, whichever is higher, and
an ultralow on resistance, N-channel MOSFET. This N-channel
MOSFET supports more than 2 A of continuous current at VIN
close to 0 V, and, with its ultralow on resistance, minimizes power
loss. In addition, the on resistance is constant, independent of the
VIN or VB_EN voltage. The low 26 µA quiescent current and
ultralow shutdown current make the ADP1196 ideal for low
power applications.
When the junction temperature exceeds 125°C, overtemperature
protection circuitry is activated, thereby protecting the ADP1196
and downstream circuits from potential damage.
The ADP1196 occupies minimal printed circuit board (PCB)
space, with an area of less than 1.5 mm2 and a height of 0.60 mm.
The ADP1196 is available in an ultrasmall 1.0 mm × 1.5 mm,
6-ball, 0.5 mm pitch WLCSP.
ADP1196
GND
VIN
VOUT
VIN
VOUT
VB_EN
LOAD
+
+
ADP1196
GND
VIN
VOUT
VIN
VOUT
VB_EN
LOAD
+
+


Similar Part No. - ADP1196ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1190 AD-ADP1190 Datasheet
329Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
REV. 0
ADP1190A AD-ADP1190A Datasheet
290Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
9/13-Revision 0
ADP1190AACBZ-R7 AD-ADP1190AACBZ-R7 Datasheet
290Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
9/13-Revision 0
ADP1190ACBZ-R7 AD-ADP1190ACBZ-R7 Datasheet
329Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
REV. 0
logo
List of Unclassifed Man...
ADP1191 ETC-ADP1191 Datasheet
72Kb / 4P
PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results

Similar Description - ADP1196ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP197 AD-ADP197 Datasheet
269Kb / 16P
5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
REV. 0
ADP198 AD-ADP198 Datasheet
419Kb / 16P
Logic Controlled, 1 A, High-Side Load
REV. D
ADP196 AD-ADP196 Datasheet
387Kb / 12P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP196 AD-ADP196 Datasheet
402Kb / 13P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
logo
NXP Semiconductors
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
logo
Analog Devices
ADP1290 AD-ADP1290 Datasheet
414Kb / 12P
12 V, 2 A Logic Controlled High-Side Power Switch
REV. 0
logo
NXP Semiconductors
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com