Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLD-AP147 Datasheet(PDF) 9 Page - Cree, Inc

Part # CLD-AP147
Description  Cree짰 XLamp짰 XH Family LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP147 Datasheet(HTML) 9 Page - Cree, Inc

Back Button CLD-AP147 Datasheet HTML 4Page - Cree, Inc CLD-AP147 Datasheet HTML 5Page - Cree, Inc CLD-AP147 Datasheet HTML 6Page - Cree, Inc CLD-AP147 Datasheet HTML 7Page - Cree, Inc CLD-AP147 Datasheet HTML 8Page - Cree, Inc CLD-AP147 Datasheet HTML 9Page - Cree, Inc CLD-AP147 Datasheet HTML 10Page - Cree, Inc CLD-AP147 Datasheet HTML 11Page - Cree, Inc CLD-AP147 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
xlamp xH led binning & labeling
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets available at
www.cree.com.
Cree’s sTanDarD CHromaTiCiTy KiTs
The following table provides the chromaticity bins associated with chromaticity kits.
Color
CCT
Kit
Chromaticity bins
cool
white
6200 K
51
0a, 0B, 0c, 0D, 0r, 0S, 0T, 0U, 1a, 1B, 1c, 1D, 1r, 1S, 1T, 1U, 2a, 2B, 2c, 2D, 2r, 2S, 2T, 2U, 3a, 3B, 3r, 3S
6000 K
53
1a, 1B, 1c, 1D, 1r, 1S, 1T, 1U, 2a, 2B, 2c, 2D, 2r, 2S, 2T, 3a, 3B, 3S
6200 K
50
1a, 1B, 1c, 1D, 2a, 2B, 2c, 2D
6500 K
e1
1a, 1B, 1c, 1D
5700 K
e2
2a, 2B, 2c, 2D
Neutral
white
5000 K
e3
3a, 3B, 3c, 3D
4750 K
F4
3c, 3D, 4a, 4B
4500 K
e4
4a, 4B, 4c, 4D
4250 K
F5
4c, 4D, 5a1, 5a2, 5a3, 5a4, 5B1, 5B2, 5B3, 5B4
4000 K
e5
5a1, 5a2, 5a3, 5a4, 5B1, 5B2, 5B3, 5B4, 5c1, 5c2, 5c3, 5c4, 5D1, 5D2, 5D3, 5D4
warm
white
3750 K
F6
5c1, 5c2, 5c3, 5c4, 5D1, 5D2, 5D3, 5D4, 6a1, 6a2, 6a3, 6a4, 6B1, 6B2, 6B3, 6B4
3500 K
e6
6a1, 6a2, 6a3, 6a4, 6B1, 6B2, 6B3, 6B4, 6c1, 6c2, 6c3, 6c4, 6D1, 6D2, 6D3, 6D4
3250 K
F7
6c1, 6c2, 6c3, 6c4, 6D1, 6D2, 6D3, 6D4, 7a1, 7a2, 7a3, 7a4, 7B1, 7B2, 7B3, 7B4
3000 K
e7
7a1, 7a2, 7a3, 7a4, 7B1, 7B2, 7B3, 7B4, 7c1, 7c2, 7c3, 7c4, 7D1, 7D2, 7D3, 7D4
2850 K
F8
7c1, 7c2, 7c3, 7c4, 7D1, 7D2, 7D3, 7D4, 8a1, 8a2, 8a3, 8a4, 8B1, 8B2, 8B3, 8B4
2700 K
e8
8a1, 8a2, 8a3, 8a4, 8B1, 8B2, 8B3, 8B4, 8c1, 8c2, 8c3, 8c4, 8D1, 8D2, 8D3, 8D4
The following tables of order codes list flux minimums and chromaticity regions for the various categories of XLamp XH
LEDs. For other flux and chromaticity combinations, contact Cree or an authorized distributor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com