Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8208WBRMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8208WBRMZ-R7
Description  High Voltage, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8208WBRMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8208WBRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8208
Rev. A | Page 14 of 16
HIGH LINE CURRENT SENSING
WITH LPF AND GAIN ADJUSTMENT
diode regulates the common-mode potential applied to the device.
For example, a battery spike of 20 V may result in an applied
common-mode potential of 21.5 V to the input of the devices.
The circuit shown in Figure 36 is similar to Figure 25, but
includes gain adjustment and low-pass filtering.
To produce a full-scale output of 4 V, a gain of 40 V/V is used,
adjustable by ±5% to absorb the tolerance in the shunt. There is
sufficient headroom to allow 10% overrange (to 4.4 V). The
roughly triangular voltage across the sense resistor is averaged
by a single-pole, low-pass filter that is set with a corner frequency
of 3.6 Hz, which provides about 30 dB of attenuation at 100 Hz.
A higher rate of attenuation can be obtained by using a two-pole
filter with a corner frequency of 20 Hz, as shown in Figure 37.
Although this circuit uses two separate capacitors, the total capaci-
tance is less than half of what is needed for the single-pole filter.
GND
NC
–IN
+IN
A1
VS
A2
OUT
AD8208
INDUCTIVE
LOAD
SWITCH
SHUNT
CLAMP
DIODE
BATTERY
NC = NO CONNECT
C
OUTPUT
4V/AMP
5% CALIBRATION RANGE
fC(Hz) = 0.767Hz/C(µF)
(0.22µF FOR
fC = 3.6Hz)
VOS/IB
NULL
191k
20k
5V
+
GND
NC
–IN
+IN
A1
VS
A2
OUT
AD8208
INDUCTIVE
LOAD
SWITCH
SHUNT
CLAMP
DIODE
BATTERY
NC = NO CONNECT
C
OUTPUT
fC(Hz) = 1/C(µF)
(0.05µF FOR
fC = 20Hz)
127k
432k
C
50k
5V
+
Figure 36. High Line Current-Sensor Interface;
Gain = 40 V/V, Single-Pole, Low-Pass Filter
A power device that is either on or off controls the current in
the load. The average current is proportional to the duty cycle
of the input pulse and is sensed by a small-value resistor. The
average differential voltage across the shunt is typically 100 mV,
although its peak value is higher by an amount that depends on the
inductance of the load and the control frequency. The common-
mode voltage, on the other hand, extends from roughly 1 V above
ground for the on condition to about 1.5 V above the battery
voltage in the off condition. The conduction of the clamping
Figure 37. Two-Pole Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com