Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTUD32211 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSTUD32211
Description  40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD32211 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSTUD32211 Datasheet HTML 1Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 2Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 3Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 4Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 5Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 6Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 7Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
© 2001 Fairchild Semiconductor Corporation
DS500537
www.fairchildsemi.com
February 2001
Revised August 2001
FSTUD32211
40/48-Bit Bus Switch with -2V Undershoot Protection
and Level Shifting (Preliminary)
General Description
The Fairchild Switch FSTUD32211 provides up to 48-bits
of high-speed CMOS TTL-compatible bus switching. The
low On Resistance of the switch allows inputs to be con-
nected to outputs without adding propagation delay or gen-
erating additional ground bounce noise. A diode to VCC has
been integrated into the circuit to allow for level shifting
between 5V inputs and 3.3V outputs.
The device can be organized as four 12-bit, two 24-bit, or
one 48-bit bus switch. When routed as a 40-bit bus switch,
the device can be organized as four 10-bit, two 20-bit or
one 40-bit bus switch. When OE1 is LOW, the switch is ON
and Port 1A is connected to Port 1B. When OE2 is LOW,
the switch is ON and Port 2A is connected to Port 2B.
When OE3 is LOW, the switch is ON and Port 3A is con-
nected to Port 3B. When OE4 is LOW, the switch is ON and
Port 4A is connected to Port 4B. When OE1, OE2, OE3, or
OE4 are HIGH, a high impedance state exists between the
A and B Ports. The A and B Ports are protected against
undershoot to support an extended range to 2.0V below
ground. Fairchild’s integrated Undershoot Hardened Circuit
(UHC
) senses undershoot at the I/O’s, and responds by
preventing voltage differentials from developing and turn-
ing on the switch.
Features
s Undershoot protected to
−2V (A and B Ports)
s Voltage level shifting
s 4
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Low lCC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
s See Applications Notes AN-5008 and AN-5021 for UHC
details
s Packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Ordering Code:
Note 1: BGA package available in Tape and Reel only.
Order Number
Package Number
Package Description
FSTUD32211GX
(Note 1)
BGA114A
(Preliminary)
114-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[Tape and Reel]


Similar Part No. - FSTUD32211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
494Kb / 13P
Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
495Kb / 13P
Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
494Kb / 13P
Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
496Kb / 13P
Configurable 4-Bit to 40-Bit Bus Switch
More results

Similar Description - FSTUD32211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTD32211 FAIRCHILD-FSTD32211 Datasheet
261Kb / 7P
40/48-Bit Bus Switch with Level Shifting
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
20-Bit Bus Switch with -2V Undershoot Protection
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
4-Bit Bus Switch with -2V Undershoot Protection
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com