Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3891ES-1.2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3891ES-1.2
Description  1.5% Output Accuracy (25째C), 60 nA Typical Quiescent Current in Shutdown
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3891ES-1.2 Datasheet(HTML) 2 Page - Texas Instruments

  LP3891ES-1.2 Datasheet HTML 1Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 2Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 3Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 4Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 5Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 6Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 7Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 8Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
GND
VIN
S/D
1
2
3
4
8
7
6
5
VBIAS
GND
VOUT
N/C
GND
VOUT
LP3891
SNVS235D – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
Figure 1. TO-220, Top View
Figure 2. DDPAK/TO-263, Top View
Figure 3. SO PowerPAD-8, Top View
white space
white space
white space
white space
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com