Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8646ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8646ARMZ
Description  24 MHz Rail-to-Rail Amplifiers with Shutdown Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646ARMZ Datasheet(HTML) 2 Page - Analog Devices

  AD8646ARMZ Datasheet HTML 1Page - Analog Devices AD8646ARMZ Datasheet HTML 2Page - Analog Devices AD8646ARMZ Datasheet HTML 3Page - Analog Devices AD8646ARMZ Datasheet HTML 4Page - Analog Devices AD8646ARMZ Datasheet HTML 5Page - Analog Devices AD8646ARMZ Datasheet HTML 6Page - Analog Devices AD8646ARMZ Datasheet HTML 7Page - Analog Devices AD8646ARMZ Datasheet HTML 8Page - Analog Devices AD8646ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8646/AD8647/AD8648
Rev. D | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configurations ........................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution...................................................................................6
 
Typical Performance Characteristics ..............................................7
 
Theory of Operation ...................................................................... 15
 
Power-Down Operation ............................................................ 15
 
Multiplexing Operation............................................................. 15
 
Outline Dimensions ....................................................................... 16
 
Ordering Guide .......................................................................... 18
 
REVISION HISTORY
4/10—Rev. C to Rev. D
Changes to Features Section and General Description Section . 1
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide Section ............................................ 18
Revision History: AD8646/AD8647/AD8648
2/09—Rev. B to Rev. C
Change to Supply Current Shutdown Mode (AD8647 Only)
Parameter, Table 1............................................................................. 3
Change to Supply Current Shutdown Mode (AD8647 Only)
Parameter, Table 2............................................................................. 5
Added Figure 50; Renumbered Sequentially .............................. 15
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 18
10/07—Revision B: Initial Combined Version
Revision History: AD8646
10/07—Rev. 0 to Rev. B
Combined with AD8648....................................................Universal
Added AD8647 ...................................................................Universal
Deleted Figure 4 and Figure 7......................................................... 7
Deleted Figure 33............................................................................ 11
8/07—Revision 0: Initial Version
Revision History: AD8648
10/07—Rev. A to Rev. B
Combined with AD8646 ...................................................Universal
Added AD8647 ...................................................................Universal
Deleted Figure 7.................................................................................6
Deleted Figure 11...............................................................................7
Deleted Figure 16 and Figure 17 .....................................................8
Deleted Figure 24...............................................................................9
Deleted Figure 27, Figure 28, Figure 31, and Figure 32 ............ 10
6/07—Rev. 0 to Rev. A
Changes to General Description .....................................................1
Updated Outline Dimensions....................................................... 12
Changes to Ordering Guide .......................................................... 12
1/06—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com