Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9715BGF Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9715BGF
Description  Operating Range : 2.7V to 5.5V, Reverse Blocking Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715BGF Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9715BGF Datasheet HTML 1Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 2Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 3Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 4Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 5Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 6Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 7Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 8Page - Richtek Technology Corporation RT9715BGF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9715
2
DS9715-03 April 2011
www.richtek.com
Function Block Diagram
Pin No.
SOT-23-5
SOT-23-5
(G-Type)
SOT-23-5
(R-Type)
SOP-8 /
MSOP-8
WDFN-8L
3X3
Pin Name
Pin Function
1
1
5
6 , 7 , 8
6 , 7 , 8
VOUT
Output Voltage.
2
2
2
1
1
GND
Ground.
3
--
1
5
5
FLG
Fault FLAG Output.
4
4
3
4
4
EN/EN
Chip Enable (Active High/Low).
5
5
4
2 , 3
2 , 3
VIN
Power Input Voltage.
--
3
--
--
--
NC
No Internal Connection.
--
--
--
--
9 (Exposed
Pad)
The exposed pad must be soldered to a large
PCB and connected to GND for maximum
power dissipation.
Functional Pin Description
Typical Application Circuit
Note :
A low-ESR 150uF aluminum electrolytic or tantalum between VOUT and GND is strongly recommended to meet
the 330mV maximum droop requirement in the hub VBUS. (see Application Information Section for further details)
Supply Voltage
2.7V to 5.5V
VIN
VOUT
GND
RT9715
Over -Current
VBUS
D+
D-
GND
USB Controller
1uF
150uF
10uF
Pull-Up Resistor (10K to 100K)
Ferrite
Beads
Data
FLG
EN/EN
CIN
COUT
RT9715B/D/F/H
Chip Enable
RT9715A/C/E/G
Chip Enable
Gate
Control
Output Voltage
Detection
Delay
Oscillator
UVLO
Charge
Pump
Bias
Thermal
Protection
Current
Limiting
VOUT
VIN
GND
EN/EN
FLG
Auto Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com