Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP381 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP381
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP381 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP381 Datasheet HTML 1Page - Vishay Siliconix TSOP381 Datasheet HTML 2Page - Vishay Siliconix TSOP381 Datasheet HTML 3Page - Vishay Siliconix TSOP381 Datasheet HTML 4Page - Vishay Siliconix TSOP381 Datasheet HTML 5Page - Vishay Siliconix TSOP381 Datasheet HTML 6Page - Vishay Siliconix TSOP381 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
New Product
TSOP381.., TSOP383.., TSOP385.., TSOP391.., TSOP393..,
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 07-May-12
4
Document Number: 81743
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Sensitivity vs. Ambient Temperature
Fig. 10 - Relative Spectral Sensitivity vs. Wavelength
Fig. 11 - Horizontal Directivity
Fig. 12 - Vertical Directivity
Fig. 13 - Sensitivity vs. Supply Voltage
0
0.05
0.1
0.15
0.2
0.25
0.3
- 30
- 10
10
30
50
70
90
T
amb - Ambient Temperature (°C)
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
λ - Wavelength (nm)
1150
94 8408
1.0
19258
0.4
0.2
0
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance
19259
0.4
0.2
0
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance
0.00
0.05
0.10
0.15
0.20
0.25
0.30
1
2
3
4
5
V
S - Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com