Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT16244DLR Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # 74ACT16244DLR
Description  Inputs Are TTL-Voltage Compatible, 500-mA Typical Latch-Up Immunity at 125째C
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

74ACT16244DLR Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button 74ACT16244DLR Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS 74ACT16244DLR Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com