Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF313 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF313
Description  HIGH-FREQUENCY TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF313 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF313 Datasheet HTML 1Page - Motorola, Inc MRF313 Datasheet HTML 2Page - Motorola, Inc MRF313 Datasheet HTML 3Page - Motorola, Inc MRF313 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRF313
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
ON CHARACTERISTICS
DC Current Gain (IC = 100 mAdc, VCE = 10 Vdc)
hFE
20
60
150
—
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 100 mAdc, VCE = 20 Vdc, f = 200 MHz)
fT
—
2.5
—
GHz
Output Capacitance
(VCB = 28 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
3.5
5.0
pF
FUNCTIONAL TESTS
Common–Emitter Amplifier Power Gain (1)
(VCC = 28 Vdc, Pout = 1.0 W, f = 400 MHz)
Gpe
15
16
—
dB
Collector Efficiency
(VCC = 28 Vdc, Pout = 1.0 W, f = 400 MHz)
η
—
45
—
%
Series Equivalent Input Impedance
(VCC = 28 Vdc, Pout = 1.0 W, f = 400 MHz)
Zin
—
6.4 – j4.8
—
Ohms
Series Equivalent Output Impedance
(VCC = 28 Vdc, Pout = 1.0 W, f = 400 MHz)
Zout
—
75 – j45
—
Ohms
NOTE:
1. Class C
Figure 1. 400 MHz Power Gain Test Circuit
RF
INPUT
+ 28 V
C8
C6
C5
C4
C3
C2
L1
Z2
C9
C1
L4
+
–
L2
L3
DUT
R
+
Z3
Z1
C7
RF
OUTPUT
C1, C2, C4 — 1.0 – 20 pF JOHANSON 9063
C3 — 1.0 – 10 pF JOHANSON
C5 — 150 pF Chip
C6 — 0.1
µF
C7, C8 — 680 pF Feedthru
C9 — 1.0
µF TANTALUM
L1, L3 — 5 Turns, AWG #20, 1/4
″ I.D.
L2 — Ferrite Bead, FERROXCUBE
L2 — No. 56–590–65/4B
L4 — FERROXCUBE VK200–20/4B
L4 — Input/Output Connectors — Type N
Board — Glass Teflon,
ε = 2.56, t = 0.062″
R — 4.7 Ohms, 1/4 W
Z1 — 2.0
″ x 0.1″ MICROSTRIP LINE
Z2, Z3 — 2.6
″ x 0.1″ MICROSTRIP LINE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com