Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKT Datasheet(PDF) 3 Page - Kingtronics International Company

Part # EKT
Description  Chip Tantalum Capacitor Low ESR. SMD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

EKT Datasheet(HTML) 3 Page - Kingtronics International Company

  EKT Datasheet HTML 1Page - Kingtronics International Company EKT Datasheet HTML 2Page - Kingtronics International Company EKT Datasheet HTML 3Page - Kingtronics International Company EKT Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
3
EKT
Chip Tantalum Capacitor Low ESR– SMD
Capacitance
(μF)
Case
Size
(μa@+25℃ Max)
DC Leakage
DF (%)
@85℃
@100Hz (Max)
ESR (Ω)
@25℃
@100KHZ (Max)
35Volt Rating at +85℃(23Volt Rating+125℃)
0.1
A
0.5
4.0
10.0
0.15
A
0.5
4.0
6.0
0.22
A
0.5
4.0
6.0
0.33
A
0.5
4.0
6.0
0.47
B
0.5
4.0
2.5
0.47
A
0.5
4.0
4.0
0.68
B
0.5
4.0
2.5
0.68
A
0.5
4.0
6.0
1.0
B
0.5
4.0
2.0
1.0
A
0.5
4.0
6.0
1.5
C
0.5
6.0
2.5
1.5
B
0.5
6.0
3.0
2.2
C
0.8
6.0
1.5
2.2
B
0.8
6.0
2.5
3.3
C
1.2
8.0
0.8
3.3
B
1.2
6.0
2.0
4.7
D
1.7
6.0
0.7
4.7
C
1.7
6.0
0.7
6.8
D
2.4
6.0
0.5
6.8
C
2.4
6.0
0.9
10.0
D
3.5
6.0
0.4
10.0
C
3.5
6.0
1.2
15.0
E
5.3
6.0
0.3
15.0
D
5.3
6.0
0.35
22.0
E
7.7
6.0
0.3
22.0
D
7.7
6.0
0.4
Capacitance
(μF)
Case
Size
(μa@+25℃ Max)
DC Leakage
DF (%)
@85℃
@100Hz (Max)
ESR (Ω)
@25℃
@100KHZ (Max)
50Volt Rating at +85℃ (30Volt Rating +125℃)
0.1
A
0.5
4.0
10.0
0.15
B
0.5
4.0
10.0
0.15
A
0.5
4.0
10.0
0.22
B
0.5
4.0
10.0
0.33
B
0.5
4.0
2.5
0.47
C
0.5
4.0
1.8
0.47
B
0.5
4.0
2.0
0.68
C
0.5
4.0
1.6
0.68
B
0.5
4.0
3.0
1.0
C
0.5
4.0
1.6
1.5
D
0.8
6.0
1.0
1.5
C
0.8
6.0
1.5
2.2
D
1.1
6.0
0.8
2.2
C
1.1
6.0
1.5
3.3
D
1.7
6.0
0.8
4.7
D
2.4
6.0
0.6
6.8
E
3.5
6.0
0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com