Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMJ-A100-R40J1 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMJ-A100-R40J1
Description  PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMJ-A100-R40J1 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMJ-A100-R40J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMJ-A100-R40J1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Figure 13. Reel dimensions.
Figure 14. Reeling orientation.
14.4 (MAX. MEASURED AT HUB)
7.9 (MIN.)
10.9 (MAX.)
62.5
2 +0.5
–0
Ø 20.5 ± 0.3
Ø 13 ± 0.2
+0
–2.5
8.4
(MEASURED AT OUTER EDGE)
+1.50
–0.00
180
LABEL AREA (111 mm x 57 mm)
WITH DEPRESSION (0.25 mm)
HSMx-A100 g 10
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
HSMx-A100 g 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com