Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CS-R1KJX-F Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E5CS-R1KJX-F
Description  Temperature Controller E5CS--X
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-R1KJX-F Datasheet(HTML) 5 Page - Omron Electronics LLC

  E5CS-R1KJX-F Datasheet HTML 1Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 2Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 3Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 4Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 5Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 6Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 7Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 8Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Temperature Controller
E5CS--X
A--150
Operation
J Settings Before Applying
Power
Note:
Always turn off the power supply to the temperature control-
ler before changing any switch settings.
Before applying power to the temperature controller, set the
following selector switches to specify the temperature range,
functions and alarm mode.
J Access to Internal Switches
and Selectors
Push the tab on the underside of the front panel as you draw out
the internal mechanism from the housing. The temperature range
selector, and the alarm mode selector must all be set. A
protection switch can also be set to protect settings. The
following diagrams show the locations of these switches on the
internal mechanism.
Alarm mode selector switch
Protection switch
Right side view
Control mode selector switch
Left side view
Temperature range selector switch
Select the desired temperature range by using the temperature
range selector switch (rotary DIP type). The other rotary DIP
switch is used to select one of eight alarm functions. Be sure the
set temperature and alarm values are within the new range.
Otherwise, the temperature controller automatically shifts these
values to the maximum or minimum of the newly-set temperature
range.
The protection switch may be used in conjunction with the front
panel “hidden key” to prevent unauthorized changes to
temperature settings. The switch is ON when it is pushed inwards
in the direction of the white arrow.
The function selector switch is a 8-pin in-line DIP switch on the
other side of the internal mechanism. Use it to select ON/OFF or
PID control action, proportional period, control output, input shift
function, temperature sensor input standard and scale indication
for dual-scale temperature ranges.
J When All Functions Have Been Selected
To Set Temperature
Press the return key until the SP indicator lights. Then set the
desired temperature value by using the Up and Down keys.
To Set Alarm Value
Press the return key until the AL indicator lights. Then set the
desired alarm value in units of
°For °C. If the present tempera-
ture exceeds the set alarm value, the alarm output will be issued.
Neither the set alarm value is displayed nor the AL indicator
lights with the integral alarm mode setting switch set to 0 or 9. Be
sure to check the alarm mode setting switch, located inside the
housing, for proper setting.
In Case of Sensor Failure
The error message “FFF” or “------” will appear on the main display
if the temperature sensor short-circuits or breaks.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com