Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSSR-7111 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSSR-7111
Description  90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSSR-7111 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSSR-7111 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
All devices are manufactured and tested on a MIL-
PRF-38534 certified line and are included in the DLA Qual-
ified Manufacturers List, QML-38534 for Hybrid Microcir-
cuits. Each device contains an AlGaAs light emitting diode
optically coupled to a photovoltaic diode stack which
drives two discrete power MOSFETs. The device oper-
ates as a solid-state replacement for single-pole, normally
open, (1 Form A) relay used for general purpose switching
of signals and loads in high reliability applications.
The devices feature logic level input control and very low
output on-resistance, making them suitable for both ac
and dc loads. Connection A, as shown in the Functional
Diagram, allows the device to switch either ac or dc loads.
Connection B, with the polarity and pin configuration as
shown, allows the device to switch dc loads only. The ad-
vantage of Connection B is that the on-resistance is sig-
nificantly reduced, and the output current capability in-
creases by a factor of two.
The devices are convenient replacements for mechanical
and solid state relays where high component reliability
with standard footprint lead configuration is desirable.
Devices may be purchased with a variety of lead bend
and plating options. See Selection Guide table for details.
Standard Microcircuit Drawing (SMD) parts are available
for each package and lead style.
The HSSR-7110, HSSR-7111, HSSR-7112, HSSR-711E and
SMD 5962-93140 are designed to switch loads on 28 Vdc
power systems. They meet 80 V surge and ± 600 V spike
requirements.
Selection Guide – Lead Configuration Options
Avago Technologies’s Part Number and Options
Commercial
HSSR-7110
MIL-PRF-38534 Class H
HSSR-7111
HSSR-7112
MIL-PRF-38534 Class E
HSSR-711E
Standard Lead Finish
Gold Plate
Gold Plate
Gold Plate
Solder Dipped*
Option #200
Option -200
Option -200
Butt Joint/Gold Plate
Option #100
Option -100
Gull Wing/Soldered*
Option #300
Option -300
Crew Cut/Gold Plate
Option #600
SMD Part Number
Prescript for all below
5962- 5962-
Gold Plate
9314001HPC
9314002HPC
9314001EPC
Solder Dipped*
9314001HPA
9314002HPA
9314001EPA
Butt Joint/Gold Plate
9314001HYC
9314002HYC
Butt Joint/Soldered*
9314001HYA
9314002HYA
Gull Wing/Soldered*
9314001HXA
9314002HXA
Crew Cut/Gold Plate
9314001HZC
Crew Cut/Soldered*
9314001HZA
* Solder Contains Lead
CAUTION: Maximum Switching Frequency – Care should be taken during repetitive switching of loads so as not to exceed the
maximum output current, maximum output power dissipation, maximum case temperature, and maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com