Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT46WH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAT46WH
Description  Single Schottky barrier diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT46WH Datasheet(HTML) 2 Page - NXP Semiconductors

  BAT46WH Datasheet HTML 1Page - NXP Semiconductors BAT46WH Datasheet HTML 2Page - NXP Semiconductors BAT46WH Datasheet HTML 3Page - NXP Semiconductors BAT46WH Datasheet HTML 4Page - NXP Semiconductors BAT46WH Datasheet HTML 5Page - NXP Semiconductors BAT46WH Datasheet HTML 6Page - NXP Semiconductors BAT46WH Datasheet HTML 7Page - NXP Semiconductors BAT46WH Datasheet HTML 8Page - NXP Semiconductors BAT46WH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BAT46WH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 28 November 2011
2 of 12
NXP Semiconductors
BAT46WH
Single Schottky barrier diode
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Tj =25 C before surge.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[4]
Reflow soldering is the only recommended soldering method.
6.
Thermal characteristics
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAT46WH
-
plastic surface-mounted package; 2 leads
SOD123F
Table 4.
Marking codes
Type number
Marking code
BAT46WH
DB
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
100
V
IF
forward current
-
250
mA
IFSM
non-repetitive peak
forward current
square wave;
tp <10ms
[1] -2.5
A
Ptot
total power dissipation
Tamb  25 C
[2][4] -440
mW
[3][4] -780
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][3] -
-
285
K/W
[2][3] -
-
160
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com