Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78253/35VC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # 78253/35VC
Description  MAX253 Compatible Converter Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

78253/35VC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  78253/35VC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 78253/35VC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 78253/35VC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 78253/35VC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. 78253/35VC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KMP_78253C_D04 Page 5 of 5
78253 Series
MAX253 Compatible Converter Transformers
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2011 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
www.murata-ps.com/support
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
1.20
(30.4) Max.
0.94-1.08 (23.9-27.4)
0.53 (13.50)
0.50 (12.80)
0.059 (1.50)
Min.
2.36 (60) Min.
0.80 (20.20) Min.
3.9 (100)
Min.
Leader section
15.7 (400) Min.
Goods
enclosure
section
Trailer section
6.3 (160) Min.
Ø15.039 (382) Max.
Ø
Ø
*
0.96 (24.4)
1.04 (26.4)
Reel quantity: 500
Unless otherwise stated all
dimensions in inches (mm) ±0.01(0.25).
* Includes flange distortion at outer edge.
Measured at hub.
0.024 (0.60) Max.
0.283 (7.20)
0.369 (9.37)
Direction of unreeling
0.069 (1.75)
0.157 (4.00)
0.079 (2.00)
0.472 (12.00)
Cover tape
0.059
(1.50
)
+0.004
-0.000
+0.10
-0.00
Unless otherwise stated all
dimensions in inches (mm) ±0.01(0.25).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com