Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT10HH1026R0PN Datasheet(PDF) 26 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH1026R0PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH1026R0PN Datasheet(HTML) 26 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH1026R0PN Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. PLT10HH1026R0PN Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
173
Automotive available, up to 10A.
PLT10HSeries (12.9x6.6 mm)
PLT Series
Power Lines Type Large Current Common Mode Choke Coil for Automotive Available
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics
s Rated Value (p: packaging code)
Refer to pages from p.180 to p.181 for mounting information.
PLT10H
s Notice (Rating)
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
125
K
330mm Reel Embossed Tape
500
B
Bulk(Bag)
50
Part Number
Common Mode
Impedance
(at 10MHz/20
°C)
Rated
Current
Rated
Voltage
Insulation
Resistance
(min.)
Withstand
Voltage
DC Resistance
Common Mode
Inductance
PLT10HH1026R0PNp
1000ohm
6A
100Vdc
10M ohm
250Vdc
8.0m ohm
±0.5m ohm
20
µH min.
PLT10HH401100PNp
400ohm
10A
100Vdc
10M ohm
250Vdc
3.6m ohm
±0.5m ohm
6
µH min.
PLT10HH501100PNp
500ohm
10A
100Vdc
10M ohm
250Vdc
3.6m ohm
±0.5m ohm
9
µH min.
PLT10HH9016R0PNp
900ohm
6A
100Vdc
10M ohm
250Vdc
8.0m ohm
±0.5m ohm
14
µH min.
Operating Temperature Range (Self-temperature rise is included): -55
°C to +105°C (PLT10HH 1026R0/501100 PN), -55°C to +105°C (PLT10HH 401100/9016R0 PN) Number of Circuit: 1
(1) (2)
(4) (3)
6.6
±0.2
3.2
±0.3
1.0
±0.2
1.0
±0.2
12.9
±0.2
(in mm)
: Electrode
102
10
100
1000
10000
1
10
100
1000
Frequency (MHz)
PLT10HH1026R0PN
PLT10HH9016R0PN
PLT10HH401100PN
PLT10HH501100PN
(1)
(4)
(2)
(3)
No polarity.
In operating temperature exceeding +65
°C,
derating of current is necessary for
PLT10H Series.
Please apply the derating curve shown in
chart according to the operating
temperature.
Derating
0
0
204060
Operating Temperature [
°C]
80
100
120
140
2
4
6
8
10
12
PLT10HH102
PLT10HH401
PLT10HH501
PLT10HH901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com