Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4864M/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4864M/NOPB
Description  725mW Audio Power Amplifier with Shutdown Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4864M/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4864M/NOPB Datasheet HTML 1Page - Texas Instruments LM4864M/NOPB Datasheet HTML 2Page - Texas Instruments LM4864M/NOPB Datasheet HTML 3Page - Texas Instruments LM4864M/NOPB Datasheet HTML 4Page - Texas Instruments LM4864M/NOPB Datasheet HTML 5Page - Texas Instruments LM4864M/NOPB Datasheet HTML 6Page - Texas Instruments LM4864M/NOPB Datasheet HTML 7Page - Texas Instruments LM4864M/NOPB Datasheet HTML 8Page - Texas Instruments LM4864M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM4864
SNAS109F – SEPTEMBER 1999 – REVISED MAY 2013
www.ti.com
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage
2.7V
≤ VDD ≤ 5.5V
Electrical Characteristics VDD = 5V
(1) (2)
The following specifications apply for VDD = 5V, for all available packages, unless otherwise specified. Limits apply for TA =
25°C
LM4864
Units
Symbol
Parameter
Conditions
(Limits)
Typical (3)
Limit (4)(5)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A
(6)
3.6
6.0
mA (max)
ISD
Shutdown Current
VPIN1 = VDD
0.7
5
μA (max)
VOS
Output Offset Voltage
VIN = 0V
5
50
mV (max)
PO
Output Power
THD = 1% (max); f = 1 kHz; RL = 4Ω;
625
mW (min)
LM4864LD (7)
THD = 1% (max); f = 1 kHz; RL = 8Ω;
725
mW (min)
LM4864LD (7)
THD = 1% (max); f = 1 kHz; RL = 8Ω;
300
mW (min)
LM4864MM (8)
THD = 1% (max); f = 1 kHz; RL = 8Ω;
675
300
mW (min)
LM4864M and LM4864N*
THD+N = 1%; f = 1 kHz; RL = 16Ω;
550
mW
THD+N
Total Harmonic Distortion+Noise
PO = 300 mWrms; AVD = 2; RL = 8Ω;
0.7
%
20 Hz
≤ f ≤ 20 kHz, BW < 80kHz
PSRR
Power Supply Rejection Ratio
VDD = 4.9V–5.1V
50
dB
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
(7)
The NGY0010A package has its exposed-DAP soldered to an exposed 1.2in2 area of 1oz printed circuit board copper.
(8)
The DGK0008BA package is thermally limited to 595 mW of power dissipation at room temperature. Referring to Figure 21 in Typical
Performance Characteristics, the power dissipation limitation for the package occurs at 300 mW of output power. This package limitation
is based on 25°C ambient temperature and
θJA = 210°C. For higher output power possibilities refer to POWER DISSIPATION.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com