Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK562DN Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LNK562DN
Description  LinkSwitch-LP Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK562DN Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LNK562DN Datasheet HTML 5Page - Power Integrations, Inc. LNK562DN Datasheet HTML 6Page - Power Integrations, Inc. LNK562DN Datasheet HTML 7Page - Power Integrations, Inc. LNK562DN Datasheet HTML 8Page - Power Integrations, Inc. LNK562DN Datasheet HTML 9Page - Power Integrations, Inc. LNK562DN Datasheet HTML 10Page - Power Integrations, Inc. LNK562DN Datasheet HTML 11Page - Power Integrations, Inc. LNK562DN Datasheet HTML 12Page - Power Integrations, Inc. LNK562DN Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LNK562-564
9
Rev. H 11/08
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 8
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS (cont.)
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V, TJ = 25 °C, See Note D
-5.5
-3.3
-1.8
mA
I
CH2
V
BP = 4 V, TJ = 25 °C, See Note D
-3.8
-2.3
-1.0
BYPASS Pin
Voltage
V
BP
5.55
5.8
6.10
V
BYPASS Pin
Voltage Hysteresis
V
BPH
0.8
0.95
1.2
V
BYPASS Pin
Supply Current
I
BPSC
See Note E
84
μA
CIRCUIT PROTECTION
Current Limit
I
LIMIT
di/dt = 40 mA/μs
T
J = 25 °C
124
136
148
mA
Power Coefficient
I2f
di/dt = 40 mA/μs
T
J = 25 °C
LNK562
1099
1221
1380
A2Hz
LNK563
1381
1535
1735
LNK564
1665
1850
2091
Leading Edge
Blanking Time
t
LEB
T
J = 25 °C
See Note F
220
265
ns
Thermal Shutdown
Temperature
T
SD
135
142
150
°C
Thermal Shutdown
Hysteresis
T
SHD
See Note G
75
°C
OUTPUT
ON-State
Resistance
R
DS(ON)
I
D = 13 mA
T
J = 25 °C
48
55
Ω
T
J = 100 °C
76
88
OFF-State Drain
Leakage Current
I
DSS
V
BP = 6.2 V, VFB ≥2 V, VDS = 560 V,
T
J = 25 °C
50
μA
Breakdown Voltage
BV
DSS
V
BP = 6.2 V, VFB ≥2 V,
See Note H, T
J = 25 °C
700
V
DRAIN Supply
Voltage
50
V
Output Enable
Delay
t
EN
See Figure 10
17
μs
Output Disable
Setup Time
t
DST
0.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com